Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65233RTET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65233RTET
Description  LNB VOLTAGE REGULATOR WITH I2C INTERFACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65233RTET Datasheet(HTML) 4 Page - Texas Instruments

  TPS65233RTET Datasheet HTML 1Page - Texas Instruments TPS65233RTET Datasheet HTML 2Page - Texas Instruments TPS65233RTET Datasheet HTML 3Page - Texas Instruments TPS65233RTET Datasheet HTML 4Page - Texas Instruments TPS65233RTET Datasheet HTML 5Page - Texas Instruments TPS65233RTET Datasheet HTML 6Page - Texas Instruments TPS65233RTET Datasheet HTML 7Page - Texas Instruments TPS65233RTET Datasheet HTML 8Page - Texas Instruments TPS65233RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Thermal Pad
BOOST
VCP
VLNB
TCAP
PGND
EN/ADDR
FAULT
ISEL
1
2
3
4
16
15
14
13
9
10
11
12
TPS65233
SLVSC22A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
PIN OUT
RTE PACKAGE
(TOP VIEW)
Exposed pad must be soldered to PCB for optimal thermal performance.
TERMINAL FUNCTIONS
NAME
NO.
DESCRIPTION
LX
1
Switching node of the boost converter
VIN
2
Input of internal linear regulator
VCC
3
Internal 6.5-V power supply bias. Connect a 1-µF ceramic capacitor from this pin to ground.
When VIN is 5 V, connect VCC to VIN.
AGND
4
Analog ground. Connect all ground pins and power pad together.
TCAP
5
Connect a capacitor to this pin to set the rise time and fall time of the LNB output between 13 V
and 18 V.
ISEL
6
Connect a resistor to this pin to set the LNB output current limit.
EN/ADDR
7
Enable pin to enable the whole chip; pull to ground to disable output, output will be pulled to
ground. For I2C interface, pulling this pin high or low gives different I2C addresses.
FAULT
8
This pin is an open drain output pin, it goes low if any fault flag is set.
SCL/VADJ
9
I2C compatible clock input; if I2C function is not used, connect this pin to low set output voltage
13 V/18 V, connect to high set output voltage 13.4 V/18.6 V.
SDA
10
I2C compatible bi-directional data
VCTRL
11
Logic control pin for 13-V or 18-V voltage selection at LNB output
EXTM
12
External modulation logic input pin which activates the 22-kHz tone output, feeding signal can be
22-kHz tone or logic high or low.
VLNB
13
Output of the LNB power supply connected to satellite receiver or switch
VCP
14
Gate drive supply voltage, output of charge pump, connect a capacitor between this pin to pin
BOOST.
BOOST
15
Output of the boost regulator and input voltage of the internal linear regulator
PGND
16
Power ground for Boost Converter
Thermal PAD
Must be soldered to PCB for optimal thermal performance. Have thermal vias on the PCB to
enhance power dissipation.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65233


Similar Part No. - TPS65233RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1RTER TI1-TPS65233-1RTER Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1RTET TI1-TPS65233-1RTET Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
More results

Similar Description - TPS65233RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com