Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF602 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602
Description  High-Speed, Closed-Loop Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602 Datasheet(HTML) 5 Page - Texas Instruments

  BUF602 Datasheet HTML 1Page - Texas Instruments BUF602 Datasheet HTML 2Page - Texas Instruments BUF602 Datasheet HTML 3Page - Texas Instruments BUF602 Datasheet HTML 4Page - Texas Instruments BUF602 Datasheet HTML 5Page - Texas Instruments BUF602 Datasheet HTML 6Page - Texas Instruments BUF602 Datasheet HTML 7Page - Texas Instruments BUF602 Datasheet HTML 8Page - Texas Instruments BUF602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
BUF602
www.ti.com ...................................................................................................................................................... SBOS339B – OCTOBER 2005 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS: VS = +5V (continued)
Boldface limits are tested at +25
°C.
At RL = 100Ω to VS/2, unless otherwise noted.
BUF602ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
TEST LEVEL
(1)
POWER SUPPLY
Specified Operating Voltage
+5
V
typ
C
Maximum Operating Voltage
+12.6
+12.6
+12.6
V
max
A
Minimum Operating Voltage
+2.8
+2.8
+2.8
V
min
B
Maximum Quiescent Current
VS = +5V
5.3
5.8
6.3
6.5
mA
max
A
Minimum Quiescent Current
VS = +5V
5.3
4.8
4.5
3.9
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
52
46
44
43
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
D
SO-8
Junction-to-Ambient
125
°C/W
typ
C
DBV
SOT23-5
Junction-to-Ambient
150
°C/W
typ
C
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): BUF602


Similar Part No. - BUF602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602ID TI-BUF602ID Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVR TI-BUF602IDBVR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVT TI-BUF602IDBVT Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDR TI-BUF602IDR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Similar Description - BUF602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com