Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF602 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602
Description  High-Speed, Closed-Loop Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BUF602 Datasheet HTML 4Page - Texas Instruments BUF602 Datasheet HTML 5Page - Texas Instruments BUF602 Datasheet HTML 6Page - Texas Instruments BUF602 Datasheet HTML 7Page - Texas Instruments BUF602 Datasheet HTML 8Page - Texas Instruments BUF602 Datasheet HTML 9Page - Texas Instruments BUF602 Datasheet HTML 10Page - Texas Instruments BUF602 Datasheet HTML 11Page - Texas Instruments BUF602 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
3
0
−3
−6
−9
−12
−15
−18
Frequency (Hz)
1M
10M
100M
1G
2G
V
O = 2VPP
V
O = 5VPP
V
O = 0.5VPP
V
O = 4VPP
V
O = 0.2VPP
V
O = 1VPP
R
L = 100Ω
6
3
0
−3
−6
−9
Frequency (Hz)
1M
10M
100M
1G
2G
R
L = 1kΩ
R
L = 500Ω
R
L = 100Ω
V
OUT = 0.5VPP
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
R
L = 100Ω
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
Input Current Noise (2.1pA/
√Hz)
Input Voltage Noise (4.8nV/
√Hz)
150
100
50
0
−50
−100
−150
Time (2ns/div)
V
OUT = 0.2VPP
R
L = 100Ω
f = 40MHz
4
3
2
1
0
−1
−2
−3
−4
Time (2ns/div)
V
OUT = 5VPP
R
L = 100Ω
f = 40MHz
BUF602
SBOS339B – OCTOBER 2005 – REVISED MAY 2008 ...................................................................................................................................................... www.ti.com
At TA = +25°C and RL = 100Ω, unless otherwise noted.
BUFFER BANDWIDTH vs OUTPUT VOLTAGE
BUFFER BANDWIDTH vs LOAD RESISTANCE
Figure 1.
Figure 2.
BUFFER GAIN FLATNESS
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Figure 3.
Figure 4.
BUFFER SMALL-SIGNAL PULSE RESPONSE
BUFFER LARGE-SIGNAL PULSE RESPONSE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): BUF602


Similar Part No. - BUF602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602ID TI-BUF602ID Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVR TI-BUF602IDBVR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVT TI-BUF602IDBVT Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDR TI-BUF602IDR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Similar Description - BUF602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com