Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7982BRMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7982BRMZ
Description  18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982BRMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7982BRMZ Datasheet HTML 5Page - Analog Devices AD7982BRMZ Datasheet HTML 6Page - Analog Devices AD7982BRMZ Datasheet HTML 7Page - Analog Devices AD7982BRMZ Datasheet HTML 8Page - Analog Devices AD7982BRMZ Datasheet HTML 9Page - Analog Devices AD7982BRMZ Datasheet HTML 10Page - Analog Devices AD7982BRMZ Datasheet HTML 11Page - Analog Devices AD7982BRMZ Datasheet HTML 12Page - Analog Devices AD7982BRMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD7982
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, REF = 5.0 V, VIO = 3.3 V.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
POSITIVE INL: +0.79 LSB
NEGATIVE INL: –0.68 LSB
Figure 6. Integral Nonlinearity vs. Code
60000
50000
40000
30000
20000
10000
0
3FFF0
3FFF2
3FFF4
3FFF6
3FFF8
3FFFA
3FFFC
CODE IN HEX
0
0
29
745
881
43
0
0
7795
29064
50975
32476
9064
Figure 7. Histogram of a DC Input at the Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
100
200
300
400
500
FREQUENCY (kHz)
fS = 1MSPS
fIN = 2kHz
SNR = 97.3dB
THD = –121.8dB
SFDR = 120.2dB
SINAD = 97.3dB
Figure 8. FFT Plot
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
POSITIVE INL: +0.46 LSB
NEGATIVE INL: –0.49 LSB
Figure 9. Differential Nonlinearity vs. Code
50000
45000
40000
35000
30000
25000
0
0
1
2
3
4
5
6
7
8
9
A
D
CODE IN HEX
0
0
7
145
7
0
0
20000
15000
10000
5000
222
C
B
16682
44806
43239
20013
3158
2793
Figure 10. Histogram of a DC Input at the Code Transition
100
99
98
97
96
95
94
93
92
91
90
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
Figure 11. SNR vs. Input Level


Similar Part No. - AD7982BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW
REV. A
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982BRMZ AD-AD7982BRMZ Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
More results

Similar Description - AD7982BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com