Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65581 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65581
Description  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65581 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65581 Datasheet HTML 5Page - Texas Instruments TPS65581 Datasheet HTML 6Page - Texas Instruments TPS65581 Datasheet HTML 7Page - Texas Instruments TPS65581 Datasheet HTML 8Page - Texas Instruments TPS65581 Datasheet HTML 9Page - Texas Instruments TPS65581 Datasheet HTML 10Page - Texas Instruments TPS65581 Datasheet HTML 11Page - Texas Instruments TPS65581 Datasheet HTML 12Page - Texas Instruments TPS65581 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
<Start up>
TPS65581
www.ti.com
SLVSC38A – OCTOBER 2013 – REVISED NOVEMBER 2013
Following are some important considerations for this type of overcurrent protection. The load current one half of
the peak-to-peak inductor current higher than the overcurrent threshold. Also when the current is being limited,
the output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. When the over current condition is removed, the output voltage returns to the regulated value. This
protection is non-latching.
Lower than 1.5 A load current for CH1 and CH3 is required at the VOUT setting in high on-duty because the
overcurrent limit function causes the degradation of load transient response.
Hiccup Mode
Hiccup mode of operation protects the power supply from being damaged during an ove-current fault condition.
The operation of hiccup is as follows. If the OCL comparator circuit detects an over-current event the output
voltage falls. When the feedback voltage falls below 68% of the reference voltage, the UVP comparator output
goes high and an internal UVP delay counter begins counting. After counting UVP delay time, the TPS65581
shuts off the power supply for a given time (7x UVP Enable Delay Time) and then tries to re-start the power
supply. If the over-load condition has been removed, the power supply starts and operates normally; otherwise,
the TPS65581 detects another overcurrent event and shuts off the power supply again, repeating the previous
cycle. Excess heat due to overload lasts for only a short duration in the hiccup cycle, therefore the junction
temperature of the power devices is much lower.
POWERGOOD
The TPS65581 has power-good output that are measured on VFBx. The power-good function is activated after
the soft-start has finished. If the all output voltages of 3 channels are within 16% of the target voltage, the
internal comparator detects the power good state and the power good signal becomes high after 1.5ms delay.
During start-up, this internal delay starts after 1.5ms of the UVP Enable delay time to avoid a glitch of power-
good signal. Even if at least one of the feedback voltages of 3 channels goes outside of ±16% of target value,
the power-good signal becomes low after 2 µs.
Figure 1. Start up
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65581


Similar Part No. - TPS65581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65580 TI-TPS65580 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580EVM-571 TI-TPS65580EVM-571 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580PWP TI-TPS65580PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com