Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC0310 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # HFC0310
Description  Fixed-Frequency Flyback Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HFC0310 Datasheet(HTML) 1 Page - Monolithic Power Systems

  HFC0310 Datasheet HTML 1Page - Monolithic Power Systems HFC0310 Datasheet HTML 2Page - Monolithic Power Systems HFC0310 Datasheet HTML 3Page - Monolithic Power Systems HFC0310 Datasheet HTML 4Page - Monolithic Power Systems HFC0310 Datasheet HTML 5Page - Monolithic Power Systems HFC0310 Datasheet HTML 6Page - Monolithic Power Systems HFC0310 Datasheet HTML 7Page - Monolithic Power Systems HFC0310 Datasheet HTML 8Page - Monolithic Power Systems HFC0310 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HFC0310
Fixed-Frequency
Flyback Controller
HFC0310 Rev. 1.01
www.MonolithicPower.com
1
6/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The HFC0310 is a flyback controller with fixed-
frequency operation.
The controller uses peak current mode to
provide excellent transient response and ease
loop compensation. When the output power
falls below a given level, the controller enters
burst mode to lower the stand-by power
consumption.
An external capacitor connected between the
FSET pin and GND programs the HFC0310
switching frequency. Otherwise, the HFC0310
uses a frequency shaping function that greatly
reduces the noise level, and reduces the cost of
the EMI filter.
The HFC0310 provides various protections,
such as thermal shutdown, VCC under-voltage
lockout,
over-load
protection,
over-voltage
protection, and short-circuit protection.
The HFC0310 is available in a SOIC8 package.
FEATURES
• Programmable switching frequency up to
600kHz
• Frequency shaping (±3.5%)
• Current-mode operation
• Very low start-up current (12μA)
• Very low standby power consumption via
active-burst mode
• Internal 350ns leading-edge blanking
• Built-in 3ms soft-start function
• Internal slope compensation
• Built-in PRO pin pull-up (>3.25V) auto-
restart function
• Over-temperature protection
• VCC under-voltage lockout with hysteresis
• Over-voltage protection on VCC
• Time-based over-load protection
• Short-circuit protection
APPLICATIONS
• Power Meters
• Switching Mode Power Supplies
• AC/DC Adapters, Switching Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - HFC0310

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HFC0310 MPS-HFC0310 Datasheet
464Kb / 10P
   Fixed-Frequency Flyback Converter EV Board
More results

Similar Description - HFC0310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
logo
NXP Semiconductors
AN11675 PHILIPS-AN11675_15 Datasheet
431Kb / 50P
   GreenChip TEA1833(L)TS fixed frequency flyback controller
Rev. 1-20 July 2015
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com