Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71709-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71709-Q1
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71709-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71709-Q1 Datasheet HTML 1Page - Texas Instruments TPS71709-Q1 Datasheet HTML 2Page - Texas Instruments TPS71709-Q1 Datasheet HTML 3Page - Texas Instruments TPS71709-Q1 Datasheet HTML 4Page - Texas Instruments TPS71709-Q1 Datasheet HTML 5Page - Texas Instruments TPS71709-Q1 Datasheet HTML 6Page - Texas Instruments TPS71709-Q1 Datasheet HTML 7Page - Texas Instruments TPS71709-Q1 Datasheet HTML 8Page - Texas Instruments TPS71709-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS717xx-Q1
GND
EN
NR
IN
OUT
V
IN
V
OUT
1 F
m
0.01 F
m
Ceramic
(Optional)
1 F
m
Ceramic
V
EN
Typical Application Circuit for Fixed Voltage Versions
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency (Hz)
1k
10k
100
1M
C
= 1 mF
C
= 10 nF
OUT
NR
150 mA
10 mA
75 mA
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS717xx-Q1 DRV
2-mm x 2-mm SON
(TOP VIEW)
TPS717xx-Q1 DCK
SC70-5 PACKAGE
(TOP VIEW)
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
TPS717xx-Q1 DSE
1.5-mm x 1.5-mm SON
(TOP VIEW)
NOTE: (1) N/C = Not connected.
TPS71750-Q1
TPS71709-Q1
TPS71745-Q1
www.ti.com
SLVSBM4A – SEPTEMBER 2012 – REVISED AUGUST 2013
Low Noise, High-Bandwidth PSRR
Low-Dropout 150-mA Linear Regulator
Check for Samples: TPS71750-Q1 , TPS71709-Q1, TPS71745-Q1
1
FEATURES
APPLICATIONS
23
Qualified for Automotive Applications
Wireless LAN, Bluetooth®
AEC-Q100 Qualified with the Following
Results:
Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level H2
Device HBM ESD Classification Level C4B
150-mA Low-Dropout Regulator with Enable
Low IQ: 45 μA (typical)
Available in Multiple Output Versions:
Fixed Output with Voltages from 0.9 V to 5
V Using Innovative Factory EEPROM
Programming
DESCRIPTION
Adjustable Output Voltage from 0.9 V to 6.2
The TPS717xx-Q1 family of low-dropout (LDO), low-
V
power linear regulators offers very high power supply
rejection (PSRR) while maintaining very low 45-
μA
Ultra-High PSRR:
ground current in an ultra-small, five-pin SC70
70 dB at 1 kHz, 67 dB at 100 kHz and 45 dB
package. The family uses an advanced BiCMOS
at 1 MHz
process and a PMOSFET pass device to achieve fast
Low Noise: 30-
μV typical (100 Hz to 100 kHz)
start-up, very low noise, excellent transient response,
and excellent PSRR performance. The TPS717xx-Q1
Stable with a 1-
μF Ceramic Capacitor
is stable with a 1-
μF ceramic output capacitor, and
Excellent Load/Line Transient Response
uses a precision voltage reference and feedback loop
3% Overall Accuracy (Over Load, Line, or
to achieve a worst-case accuracy of 3% over all load,
Temp)
line, process, and temperature variations. It is fully
specified from TA = –40°C to 125°C and is offered in
Overcurrent and Overtemperature Protection
a small SC70-5 package, a 2-mm × 2-mm SON-6
Very Low Dropout: 170-mV Typical at 150 mA
package with a thermal pad, and a 1.5-mm × 1.5-mm
Small SC70-5, 2-mm x 2-mm SON-6, and 1.5-
SON package, which are ideal for small form factor
mm × 1.5-mm SON-6 Packages
portable equipment such as wireless handsets and
PDAs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71709-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71709DSER TI-TPS71709DSER Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71709DSER TI-TPS71709DSER Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71709DSER TI-TPS71709DSER Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71709DSER TI-TPS71709DSER Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71709DSER TI1-TPS71709DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71709-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com