Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8116JSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8116JSTZ
Description  200 MHz, 16  16 Buffered Video Crosspoint Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116JSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8116JSTZ Datasheet HTML 5Page - Analog Devices AD8116JSTZ Datasheet HTML 6Page - Analog Devices AD8116JSTZ Datasheet HTML 7Page - Analog Devices AD8116JSTZ Datasheet HTML 8Page - Analog Devices AD8116JSTZ Datasheet HTML 9Page - Analog Devices AD8116JSTZ Datasheet HTML 10Page - Analog Devices AD8116JSTZ Datasheet HTML 11Page - Analog Devices AD8116JSTZ Datasheet HTML 12Page - Analog Devices AD8116JSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD8116
–8–
REV. B
100mV p-p
100ns/DIV
25mV/DIV
TPC 4. Step Response, 100 mV Step
100ns/DIV
500mV/DIV
2V p-p
TPC 5. Step Response, 2 V Step
2mV/DIV
= 0.1%/DIV
20ns/DIV
0
20
40 60
80 100 120 140 160 180
2V STEP
RL = 150
TPC 6. Settling Time
–Typical Performance Characteristics
FREQUENCY – Hz
4
3
–4
100k
1G
1M
10M
100M
0
–1
–2
–3
2
1
0.5
0.4
–0.3
0
–0.1
–0.2
0.3
0.2
0.1
2V p-p
200mV p-p
FLATNESS
RL = 150
CL = 0pF
200mV p-p
2V p-p
TPC 1. Frequency Response
FREQUENCY – Hz
–10
–20
–100
300k
200M
1M
10M
100M
–50
–70
–80
–90
–30
–40
–60
RL = 1k
RS = 37.5
ALL HOSTILE CROSSTALK
VIN = 632mV p-p
ADJACENT CHANNEL
CROSSTALK
VIN = 632mV p-p
TPC 2. Crosstalk vs. Frequency
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
FREQUENCY – Hz
100k
1M
10M
100M
2ND HARMONIC
VIN = 2V p-p, RL = 150
3RD HARMONIC
TPC 3. Total Harmonic Distortion


Similar Part No. - AD8116JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116JSTZ AD-AD8116JSTZ Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com