Selected language     English  ▼


Q-A-10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. Q-A-10
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 5 page
background image
WIDTH / CORE
REPLACES OEM ROLL
CORE
ROLL
PART NO.
LENGTH
MAKE
& MACHINE TYPE
LENGTH
CORE ID
LENGTH
EB41M1855
445/457/41 mm
MPM
P1485 AP & UP Series 3000 18"
18"
.75"
55'
EB41M1818-1
2348/457/41 mm
MPM
P2348 AP Series
18"
1.0"
47'
EB41M1812
305/457/41 mm
MPM
P2112 AP Series
18"
.75"
55'
EB41M2424
600/609/41 mm
MPM
MPM AP36
24"
.75"
55'
EB41M1809
223/457/41 mm
MPM
AP17, 21, 25, 27 UP 2000
18"
.75"
55'
EB41M0909
223/457/41 mm
MPM
AP17, 21, 25, 27
9"
.75"
55'
EB41M2222
550/559/41 mm
MPM
UP 3000 22"
22"
.75"
55'
EB41D1818
265/455/41 mm
DEK
DEK 260A #128034
18"
.75"
39'
EB41D2112
265/305/41 mm
DEK
265 Series
12"
.75"
39'
EB41D2120
265/530/41 mm
DEK
265 Series GS #129051
21"
.75"
39'
EB41D2121
265/540/41 mm
DEK
DEK265 #112239
21.25"
.75"
39'
EB41D2116
265/400/41 mm
DEK
DEK 265 GS/GSX/288 Horizon Infinity
21"
.75"
39'
EB41E1212
300/41 mm
EKRA
E4, E5
12"
.5"
33'
EB41E1616
400/41 mm
EKRA
E4, E5
16"
.5"
33'
EB41E2020
500/41 mm
EKRA
E4, E5
20"
.5"
33'
EB41E2424
600/41 mm
EKRA
E4, E5
24"
.5"
33'
EB41S1616
410/410/41 mm
SMTECH
SMT Quad
16"
1.5"
39'
EB41S2120
520/520/41 mm
SMTECH
SMT Quad
20"
1.5"
39'
EB41P1414
PGI 360/41 mm
Panasonic
GI Series
14.18"
1.5"
40'
EB41P1414-118
PGI 360/41 mm
Panasonic
GI Series
14.18"
1.5"
118'
EB41P1616
PGI 410/41 mm
Panasonic
GI Series
16"
1.5"
40'
EB41P1616-108
PGI 410/41 mm
Panasonic
GI Series
16"
1.5"
108'
EB41P2121
PGI 540/41 mm
Panasonic
GI Series
21.25"
1.5"
40'
EB41P2821
MSS
Panasonic
MSS
28"
1.5"
45'
EB41F1919
495/495/41 mm
Fuji
Fuji GSP
19.5"
1.0"
33'
STENCIL ROLLS
Material Designed Specifically for SMT Screen Printers
• Less down time, less change over time, and less inventory
required
• Material adaptable for all vacuum and non-vacuum
machines
• High strength, even when wet
• Exceptionally low lint levels
• Solvent resistant and highly absorbent
• Excellent in both wet and dry applications
• Custom stencil rolls available upon request
3




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl