Electronic Components Datasheet Search
Selected language     English  ▼


Q-B-10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. Q-B-10
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 8 page
background image
PART NO.
PART NO.
PART NO.
REF.
10 PACK
50 PACK
100 PACK
TIP DESCRIPTION
SHAFT DESCRIPTION
A
SW2PF-10
SW2PF-50
SW2PF-100
Foam tip; 3/16" D x 19/32" L
2" Solid
B
SW3PF-10
SW3PF-50
SW3PF-100
Foam tip; 3/16" D x 11/16" L
3" Solid
C
SW3WF-10
SW3WF-50
SW3WF-100
Foam tip; 3/16" D x 11/16" L
3" Wood
D
SW5PF-10
SW5PF-50
SW5PF-100
Rectangular foam tip;
5" Solid
9/16" D x 15/16" L
E
SW5PFA-10
SW5PFA-50
SW5PFA-100
Foam Tip; 91% Isopropyl
5" Semi-saturated
alcohol, 9% H2O
F
SW5PFAS-10
SW5PFAS-50
SW5PFAS-100
Anti-stat foam tip;
5" Anti-static solid
3/16" D x 11/16" L
G
SW5PFR-10
SW5PFR-50
SW5PFR-100
Round foam tip;
5" Solid
29/32" D x 1-1/8" L
H
SW6BPF-10
SW6BPF-50
SW6BPF-100
Foam tip; 3/8" D x 1" L
6" Blue solid
I
SW6PF-10
SW6PF-50
SW6PF-100
Foam over cotton tip;
6" Solid
3/16" D x 15/16" L
J
SW6PFAS-10
SW6PFAS-50
SW6PFAS-100
Anti-stat foam tip;
6" Anti-static solid
3/16" D x 11/16" L
K
SW6PFG-10
SW6PFG-50
SW6PFG-100
Large foam tip; 3/8" D x 1" L
6" Solid
L
SW6WC-10
SW6WC-50
SW6WC-100
Cotton tip; 3/16" D x 5/8" L
6" Wood
M
SW6WF-10
SW6WF-50
SW6WF-100
Foam tip; 3/8" D x 13/16" L
6" Wood
N
SW6WFAS-10
SW6WFAS-50
SW6WFAS-100
Anti-stat foam tip;
6" Wood
3/16" D x 11/16" L
O
SW6WFCAS-10
SW6WFCAS-50
SW6SFCAS-100
Anti-stat foam over cotton tip;
6" Wood
3/8" D x 13/16" L
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
SWABS
Swabs for Electronic Cleaning Applications
• Can be utilized with most electronic cleaning solvents
• Only virgin materials used
• Low contamination and lint levels used
• Packaged in anti-static material
• Available in convenient packages (10, 50 or 100 per package)
• Durable, high strength shafts
6




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl