Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1470 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1470
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1470 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1470 Datasheet HTML 4Page - Monolithic Power Systems MP1470 Datasheet HTML 5Page - Monolithic Power Systems MP1470 Datasheet HTML 6Page - Monolithic Power Systems MP1470 Datasheet HTML 7Page - Monolithic Power Systems MP1470 Datasheet HTML 8Page - Monolithic Power Systems MP1470 Datasheet HTML 9Page - Monolithic Power Systems MP1470 Datasheet HTML 10Page - Monolithic Power Systems MP1470 Datasheet HTML 11Page - Monolithic Power Systems MP1470 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP1470 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1470 Rev. 1.02
www.MonolithicPower.com
8
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BLOCK DIAGRAM
47pF
1MEG
6.5V
BST
RSEN
IN
Oscillator
VCC
Regulator
Bootstrap
Regulator
Currrent Sense
Amplifer
VCC
Current Limit
Comparator
Error Amplifier
Reference
EN
FB
+
+
-
+
-
+
-
SW
GND
LS
Driver
HS
Driver
Comparator
On Time Control
Logic Control
1.2pF
500k
20k
Figure 1: Functional Block Diagram


Similar Part No. - MP1470

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470BGJ MPS-MP1470BGJ Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
logo
TECH PUBLIC Electronics...
MP1470GJ-Z TECHPUBLIC-MP1470GJ-Z Datasheet
3Mb / 5P
   18V 2A 600KHz Syncharonous Step-Down Converter
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
   High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
MP1470HGJ MPS-MP1470HGJ Datasheet
807Kb / 19P
   High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
More results

Similar Description - MP1470

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
   High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
   High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com