Selected language     English  ▼


Q-D-10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. Q-D-10
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 6 page
background image
PART NO.
DESCRIPTION
STANDARD PACKAGE
EB41W44
Lint Free Stencil Wipe 4" x 4"
1200
EB41W99
Lint Free Stencil Wipe 9" x 9"
300
EB41W1212
Lint Free Stencil Wipe 12" x 12"
150
EBHC100
Hand Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBSC100
Stencil Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBIPA100
IPA/DI Wipes (100 wipes per tub/6 tubs per case)
1 case
EBHC15
Hand Cleaner Wipes Pack
15
EBSC15
Stencil Cleaner Wipes Pack
15
EBIPA15
IPA/DI Wipes Pack
15
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
HAND CLEANER WIPES
• Hands are cleaned quickly and effectively
• Pleasant citrus scent
• Very effective on stains such as solders, greases,
and glues
• Ideal for production line use
STENCIL CLEANER WIPES
• Formulated for the removal of stencil contaminants
• Evaporates quickly to leave surfaces clean and dry
• Odor-free
• Removes contaminates cleanly and without scratching
the stencil surface
IPA / DI WIPES
• 70% Isopropyl alcohol, 30% de-ionized water
• General-purpose sterile cleaner that can be used
through entire production process
• Leaves surfaces free of contamination
• Evaporates quickly after cleaning has been completed
4
SPECIALTY CLEANER
FLUX REMOVER
ENVIRONMENTAL
CLEANERS / DEGREASERS
CHEMICALS
K44Y16
Stencil Cleaner (16 fl.oz.)
No residue, safe on most
plastics, pump
K30Y14
Flux-Away (14 oz.)
No residue, safe on most
plastics, ozone safe,
adjustable aerosol pressure
spray nozzle
K51G13
NatureSafe Air (13 oz.)
Non-corrosive, water based,
biodegradable, solvent free,
ozone safe, non-flammable,
unique internal dispensing
system
K52G16
NatureSafe Spray (16 fl.oz.)
Biodegradable, non-
flammable, ozone safe,
pump, unique internal
dispensing system




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl