Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92074D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92074D
Description  Non-Isolated, Buck PFC LED Driver with Digital Reference Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92074D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS92074D Datasheet HTML 7Page - Texas Instruments TPS92074D Datasheet HTML 8Page - Texas Instruments TPS92074D Datasheet HTML 9Page - Texas Instruments TPS92074D Datasheet HTML 10Page - Texas Instruments TPS92074D Datasheet HTML 11Page - Texas Instruments TPS92074D Datasheet HTML 12Page - Texas Instruments TPS92074D Datasheet HTML 13Page - Texas Instruments TPS92074D Datasheet HTML 14Page - Texas Instruments TPS92074D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
(
)
IN
BULK
L
LED
LED
LED ripple
P
C
4
f
R
V
I
³
p ´
´
´
´
TPS92074
www.ti.com
SLUSBO7 – AUGUST 2013
For example, a resistor combination creating a dominant effect when the thermistor reaches the desired
temperature and resistance can be incorporated by paralleling a thermistor and another resistor like R10 with the
suggested On-Time clamp (see Figure 12. ). This circuit option creates a shorter on-time as the temperature
increases, reducing the output current. The use of a thermistor (NTC or PTC) in these types of circuit
implementations is simple and saves costly added circuitry and additional device pins.
Overvoltage Protection (OVP)
The implementation of overvoltage protection is simple and built-in if using a two-coil magnetic (coupled inductor)
to derive VCC. If the LED string is opened the auxiliary VCC rises and reaches the VCC(OVP) trip point. This action
disables and grounds the gate pin, preventing the converter from switching. The converter remains disabled until
VCC drops 0.5 V after a 1 second time-out. If an inductor is used, implement other discrete circuits to disable the
converter.
Output Bulk Capacitor
The required output bulk capacitor, CBULK, stores energy during the input voltage zero crossing interval and limits
twice the line frequency ripple component flowing through the LEDs. Equation 1 describes the calculation of the
of output capacitor value.
where
RLED is the dynamic resistance of LED string
ILED(ripple) is the peak to peak LED ripple current
and fL is line frequency
(1)
Compute RLED as the difference in LED forward voltage divided by the difference in LED current for a given LED
using the manufacturer’s VF vs. IF curve. For an initial estimate, a typical value of 0.25 Ω per LED can be used.
More detail can be found in the Application Report Design Challenges of Switching LED Drivers (AN-1656).
In typical applications, the solution size becomes a limiting factor and dictates the maximum dimensions of the
bulk capacitor. When selecting an electrolytic capacitor, manufacturer recommended de-rating factors should be
applied based on the worst case capacitor ripple current, output voltage and operating temperature to achieve
the desired operating lifetime. It should also be a consideration to provide a minimum load at the output of the
driver to discharge the capacitor after the power is switched off or during LED open circuit failures.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS92074


Similar Part No. - TPS92074D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
TPS92070PW TI-TPS92070PW Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
TPS92070PWR TI-TPS92070PWR Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075 TI1-TPS92075 Datasheet
1Mb / 29P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92074D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI1-TPS92075_14 Datasheet
1Mb / 29P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
[Old version datasheet]   Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
   WS3412 Active PFC Non-isolated Buck LED Driver
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
   High Accurate non-isolated Buck-Boost LED Driver with Active PFC
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com