Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6118 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6118
Description  VACUUM FLUORESCENT DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6118 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6118 Datasheet HTML 1Page - Allegro MicroSystems A6118 Datasheet HTML 2Page - Allegro MicroSystems A6118 Datasheet HTML 3Page - Allegro MicroSystems A6118 Datasheet HTML 4Page - Allegro MicroSystems A6118 Datasheet HTML 5Page - Allegro MicroSystems A6118 Datasheet HTML 6Page - Allegro MicroSystems A6118 Datasheet HTML 7Page - Allegro MicroSystems A6118 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Consisting of eight npn Darlington output stages and the associ-
ated common-emitter input stages, these drivers are designed to
interface between low-level digital logic and vacuum fluorescent
displays. Both devices are capable of driving the digits and/or seg-
ments of these displays and are designed to permit all outputs to be
activated simultaneously. Pull-down resistors are incorporated into
each output and no external components are required for most fluores-
cent display applications.
With any device, the output load is activated when the input is
pulled towards the positive supply (active ‘high’). The UDN6118A is
furnished in a standard 18-pin plastic DIP; the A6118SLW is in a 20-
lead wide-body SOIC. Both units operate over the temperature range
of -20
°C to +85°C. These devices are also available for operation over
the temperature range of -40
°C to +85°C by changing the part number
to UDQ6118A or A6118ELW.
FEATURES
I Digit or Segment Drivers
I Low Input Current
I Integral Output Pull-Down Resistors
I High Output Breakdown Voltage
I Single or Split Supply Operation
I Automotive Capable
Always order by complete part number, e.g., UDN6118A .
ABSOLUTE MAXIMUM RATINGS
at TA= +25
°C
Supply Voltage, VBB . . . . . . . . . . . . . . . 85 V
Input Voltage, VIN . . . . . . . . . . . . . . . . . 20 V
Output Current, IOUT . . . . . . . . . . . . -40 mA
Allowable Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . -20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55
°C to +150°C
Caution: The high input impedance of these
devices makes them susceptible to static
discharge damage associated with handling and
testing. Techniques similar to those used for
handling MOS devices should be employed.
A6118SLW
13
14
15
16
17
19
12
18
20
11
1
2
3
8
9
4
5
6
7
10
NC
NC
Dwg. PP-064-3
V
BB
VACUUM FLUORESCENT
DISPLAY DRIVER
6118


Similar Part No. - A6118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611-SMA611 MA-COM-A611-SMA611 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results

Similar Description - A6118

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com