Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1494 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1494
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1494 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1494 Datasheet HTML 1Page - Monolithic Power Systems MP1494 Datasheet HTML 2Page - Monolithic Power Systems MP1494 Datasheet HTML 3Page - Monolithic Power Systems MP1494 Datasheet HTML 4Page - Monolithic Power Systems MP1494 Datasheet HTML 5Page - Monolithic Power Systems MP1494 Datasheet HTML 6Page - Monolithic Power Systems MP1494 Datasheet HTML 7Page - Monolithic Power Systems MP1494 Datasheet HTML 8Page - Monolithic Power Systems MP1494 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP1494 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1494 Rev. 1.04
www.MonolithicPower.com
4
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, AAM=0.5V, TA = 25°C, unless otherwise noted.
0
3
6
9
12
15
18
0
0.5
1
1.5
2
500
505
510
515
520
525
530
535
540
4
6
8
10
12
14
16
18
INPUT VOLTAGE(V)
OUTPUT CURRENT (A)
2.5
2.8
3.1
3.4
3.7
4
4.3
25 30 35 40 45 50 55 60 65 70 75
-1.0
-0.5
0.0
0.5
1.0
4
6
8
10121416
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2
70
75
80
85
90
95
100
70
75
80
85
90
95
100
00.511.5
2
0
0.511.52
Load Regulation
VIN=4.5V-16V, IOUT=0A-2A
Peak Current
vs. Duty Cycle
Disabled Supply Current
vs. Input Voltage
VIN=6V-16V, IOUT=0A
Enabled Supply Current
vs. Input Voltage
VIN=6V-16V, IOUT=0A
Line Regulation
VIN=5V-16V
Case Temperature Rise
vs. Output Current
IOUT=0A-2A
VIN=5V
VIN=12V
VIN=16V
LOAD CURRENT (A)
LOAD CURRENT (A)
VIN=5V
VIN=12V
VIN=12V
VIN=16V
VIN=16V
IOUT=0A
IOUT=1A
IOUT=2A
VIN=4.5V
OUTPUT CURRENT (A)
INPUT VOLTAGE(V)
-30
-20
-10
0
10
20
30
40
50
4
6
8
10
12
14
16
18
INPUT VOLTAGE(V)


Similar Part No. - MP1494

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1494SGJ MPS-MP1494SGJ Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
More results

Similar Description - MP1494

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com