Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1740 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1740
3W HIGH EFFICIENCY
MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
1
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
The Future of Analog IC Technology
DESCRIPTION
The MP1740 is a high efficiency Class-D H-
bridge audio amplifier. It utilizes a full bridge
output structure capable of delivering 3W into
4Ω speaker. The device exhibits the high fidelity
of a class AB amplifier with an efficiency of 91%.
It also dramatically reduces solution size by
integrating the following:
300mΩ (high side or low side) power MOSFETs
(VCC=3.6V)
Startup / Shutdown pop elimination
Short circuit protection
9 Balls Wafer chip scale package (WLCSP) and
requires a few external components.
This amplifier also improves GSM power supply
rejection, and operates on a single cellular Li-
ion battery.
The gain of this amplifier can be controlled
easily by a few modification of external
configuration while minimizing noise to 37
μVRMS.
FEATURES
• 3W Into 4Ω with 5 V Supply @ 10% THD+N
• Efficiency up to 90% at 1.7W Pout, 8 ohm
load
• 2.5V to 5.5V Supply Voltage Operation
• THD+N = 0.1% @ 1.8W, 5V, 4Ω
• 2mA Quiescent current and 0.5μA
shutdown current
• Full Bridge Output Drive
• Internal 250kHZ Switching frequency
• Fully Differential input
• Improved CMRR Eliminates Two Input
Coupling Capacitors
• 1ms start-up time Eliminates pop
• Integrated Short Circuit Protection
• Integrated Thermal Shutdown
• 9 Balls Wafer chip scale package (WLCSP)
APPLICATIONS
Wireless or Cellular Handsets
PDAs
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under Products, Quality
Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1740
EN
AVCC
AGND
INN
INP
VON
PGND
PVCC
VOP
RI
RI
IN+
IN-
OUT
-
OUT
+
EN
To Battery
Cs
TND+N vs. POUT
fs=1kHz, VCC=5V, Gain=2V/V
No Weighting
POUT (W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
4
100m 200m 300m 500m
1
2
3


Similar Part No. - MP1740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
238Kb / 6P
   3W High Efficiency Mono Class-D Audio Amplifer EV Board
More results

Similar Description - MP1740

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Monolithic Power System...
EV1740EC-00A MPS-EV1740EC-00A Datasheet
238Kb / 6P
   3W High Efficiency Mono Class-D Audio Amplifer EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com