Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2005 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2005
Description  800mA High PSRR, ULDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems MP2005 Datasheet HTML 5Page - Monolithic Power Systems MP2005 Datasheet HTML 6Page - Monolithic Power Systems MP2005 Datasheet HTML 7Page - Monolithic Power Systems MP2005 Datasheet HTML 8Page - Monolithic Power Systems MP2005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2005 – 800mA, HIGH PSRR,ULDO LINEAR REGULATOR
MP2005 Rev. 0.92
www.MonolithicPower.com
2
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2005DD
QFN8 (2mm x 3mm)
N3
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2005DD–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP2005DD–LF–Z)
PACKAGE REFERENCE
TOP VIEW
IN
BIAS
NC
GND
1
2
3
4
OUT
FB
NC
EN
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
ABSOLUTE MAXIMUM RATINGS (1)
VBIAS, VIN to GND............................–0.3V to +6V
FB, EN to GND ................................–0.3V to 6V
OUT .................................................–0.3V to 6V
Continuous Power Dissipation (TA = +25°C)
(2)
................................................................... 2.3W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Input Voltage VIN .............................1.0V to 5.5V
Input Voltage VBIAS ..........................2.7V to 5.5V
Output Voltage................................0.5V to 4.0V
Load Current...........................800mA Maximum
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2mm x 3mm)............... 55 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP2005

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
158Kb / 4P
   800mA Low-Current LDO Linear Regulator EV Board
MP2005 MPS-MP2005 Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
181Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP2005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com