Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTG0104S Datasheet(PDF) 8 Page - FCI connector

Part # UTG0104S
Description  wide range in current capability
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG0104S Datasheet(HTML) 8 Page - FCI connector

Back Button UTG0104S Datasheet HTML 4Page - FCI connector UTG0104S Datasheet HTML 5Page - FCI connector UTG0104S Datasheet HTML 6Page - FCI connector UTG0104S Datasheet HTML 7Page - FCI connector UTG0104S Datasheet HTML 8Page - FCI connector UTG0104S Datasheet HTML 9Page - FCI connector UTG0104S Datasheet HTML 10Page - FCI connector UTG0104S Datasheet HTML 11Page - FCI connector UTG0104S Datasheet HTML 12Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
Circular
10
Mating Dimensions TRIM TRIO
Shell
size
Dimensions in mm
A max.
B max.
C max.
D max.
E max.
F max.
G ±0.2
H max.
J max.
10
57
72
57.5
72.5
106
136
12
74
74.0
139
14
63
81
63.5
81
24.3
11.4
118
153
16
85
85
161
18
67
88
31.8
67.5
89
126
168
20
74
101
76
103
14.6
140
191
22
79
117
82
110
26
151
207
24
84
123
88
127
15.4
162
240
10-3VDE
57
72
57.5
72.5
31.7
11.4
106
136
18-7 VDE
73.5
94,5
33
74
95.5
34
17.9
133
175
20-20VDE
74
101
31.8
76
103
26
14.6
140
191


Similar Part No. - UTG0104S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UTG0104S ETC2-UTG0104S Datasheet
880Kb / 33P
   The plastic circular connector with metal locking
logo
Eaton All Rights Reserv...
UTG0104S EATON-UTG0104S Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG0104S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
   Wide current range
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Axiomtek Co., Ltd.
EBOX511-820-FL AXIOMTEK-EBOX511-820-FL Datasheet
445Kb / 1P
   Wide range DC-in
EBOX531-820-FL AXIOMTEK-EBOX531-820-FL Datasheet
329Kb / 1P
   Wide range DC-in
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com