Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2030 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2030
Description  3A Dual Supply Very Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2030 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2030 Datasheet HTML 1Page - Monolithic Power Systems MP2030 Datasheet HTML 2Page - Monolithic Power Systems MP2030 Datasheet HTML 3Page - Monolithic Power Systems MP2030 Datasheet HTML 4Page - Monolithic Power Systems MP2030 Datasheet HTML 5Page - Monolithic Power Systems MP2030 Datasheet HTML 6Page - Monolithic Power Systems MP2030 Datasheet HTML 7Page - Monolithic Power Systems MP2030 Datasheet HTML 8Page - Monolithic Power Systems MP2030 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2030 – 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2030 Rev. 0.91
www.MonolithicPower.com
4
10/10/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN3X3 10pins
Pin #
Name
Description
9, 10
OUT
Regulator Output. OUT is the output of the linear regulator, By pass OUT to GND with a
4.7µF or greater capacitor.
3
BIAS
Bias Voltage. Bypass to ground with a 1uF or greater capacitor for maximum output
current the VIN>0.2V+VOUT and VBIAS>2V+VOUT.
8
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.5V.
7
EN
Enable Input. Drive EN high to turn on the MP2030, drive EN low to turn it off. For
automatic startup, connect EN to IN.
5
GND
Ground, exposed pad.
1, 2
IN
Power Source Input. IN supplies power to the load at the output (through the power
transistor). Bypass IN to GND with a 1µF or greater capacitor.
4
PGOOD Open drain output. High indicated VOUT> 90% final value.
6
BYPASS Connect a 1nF to this pin. Do not load this pin resistively.
QFN5x5 32pins
Pin #
Name
Description
20, 21,22,
23
VOUT
Regulator Output. OUT is the output of the linear regulator, By pass OUT to GND with a
4.7µF or greater capacitor.
6
BIAS
Bias Voltage. Bypass to ground with a 1uF or greater capacitor.
19
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.5V.
18
EN
Enable Input. Drive EN high to turn on the MP2030, drive EN low to turn it off. For
automatic startup, connect EN to IN.
8
GND
Ground, exposed pad.
2, 3, 4, 5
VIN
Power Source Input. IN supplies power to the load at the output (through the power
transistor). Bypass IN to GND with a 1µF or greater capacitor.
7
PGOOD Open drain output. High indicated VOUT> 90% final value.
17
BYPASS Connect a 1nF to this pin. Do not load this pin resistively.
1, 9, 10,
11, 12,
13, 14,
15, 16,
24, 25,
26, 27,
28, 29,
30, 31, 32
NC
These are no connection pins.


Similar Part No. - MP2030

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP200 CTS-MP200 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000 Datasheet
232Kb / 7P
   Low Input Voltage 150mA Linear Regulator
MP2000DJ MPS-MP2000DJ Datasheet
146Kb / 3P
   Low Input Voltage 150mA Linear Regulator Evaluation Board
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results

Similar Description - MP2030

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com