Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTG11412P Datasheet(PDF) 4 Page - FCI connector

Part # UTG11412P
Description  wide range in current capability
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11412P Datasheet(HTML) 4 Page - FCI connector

  UTG11412P Datasheet HTML 1Page - FCI connector UTG11412P Datasheet HTML 2Page - FCI connector UTG11412P Datasheet HTML 3Page - FCI connector UTG11412P Datasheet HTML 4Page - FCI connector UTG11412P Datasheet HTML 5Page - FCI connector UTG11412P Datasheet HTML 6Page - FCI connector UTG11412P Datasheet HTML 7Page - FCI connector UTG11412P Datasheet HTML 8Page - FCI connector UTG11412P Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
Circular
6
Description
The TRIM TRIO circular connectors are an
integrated group of economical, reliable,
versatile standardised connectors for a
broad spectrum of interconnection
applications.
Being derived from MIL-C-26482 ,input and
output connections can be made with a
large number of sizes ranging from:
• 3 to 48 contact positions in TRIM TRIO
• 4 to 46 contact positions in
MBG Bantamate II
What are the links and
differences between
TRIM TRIO circular, and
MBG Bantamate II
To avoid misunderstandings on the circular
connector ranges, it has to be clearly
understood that there are inevitable links
and differences between all the circular
product ranges (see fig).
Intermateability
• TRIM TRIO circular connectors are
available in UT0, UTG, UTP and UTGS
and are fully intermateable,
interchangeable and intermountable.
• MBG Bantamate II with the unique quick
mating feature plus high number of
mating cycles is not mateable with other
TRIM TRIO circular connectors.
Contacts
• TRIM TRIO and MBG Bantamate II
circular connectors use the size 16 TRIM
TRIO contacts available in machined,
stamped and formed, coax and fibre optic
versions.
Accessories
• TRIM TRIO use the same accessories
such as backshells and dustcaps.
• MBG Bantamate II has his own backshell
Tooling
• TRIM TRIO and MBG Bantamate II use
all the same crimp barrels per wire size
and the same crimptooling.


Similar Part No. - UTG11412P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UTG11412P EATON-UTG11412P Datasheet
164Kb / 4P
   UTG - Metalok Bantam
UTG11412PNH EATON-UTG11412PNH Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG11412P

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
   Wide current range
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Axiomtek Co., Ltd.
EBOX511-820-FL AXIOMTEK-EBOX511-820-FL Datasheet
445Kb / 1P
   Wide range DC-in
EBOX531-820-FL AXIOMTEK-EBOX531-820-FL Datasheet
329Kb / 1P
   Wide range DC-in
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com