Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6277 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A6277
Description  8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6277 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A6277 Datasheet HTML 4Page - Allegro MicroSystems A6277 Datasheet HTML 5Page - Allegro MicroSystems A6277 Datasheet HTML 6Page - Allegro MicroSystems A6277 Datasheet HTML 7Page - Allegro MicroSystems A6277 Datasheet HTML 8Page - Allegro MicroSystems A6277 Datasheet HTML 9Page - Allegro MicroSystems A6277 Datasheet HTML 10Page - Allegro MicroSystems A6277 Datasheet HTML 11Page - Allegro MicroSystems A6277 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6277
8-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
8
020
DUTY CYCLE IN PER CENT
100
0
Dwg. GP-062-13
60
40
20
40
60
100
80
VCE = 3 V
VCE = 4 V
80
TA = +85
°C
VDD = 5 V
R
θJA = 55
°C/W
120
140
VCE = 1 V
VCE = 0.7 V
VCE = 2 V
020
DUTY CYCLE IN PER CENT
100
0
Dwg. GP-062-12
60
40
20
40
60
100
80
VCE = 2 V
VCE = 3 V
VCE = 4 V
80
TA = +85
°C
VDD = 5 V
R
θJA = 70
°C/W
120
140
VCE = 1 V
VCE = 0.7 V
ALLOWABLE OUTPUT CURRENT AS A FUNCTION OF DUTY CYCLE (cont.)
A6277xA
A6277xLW
TYPICAL CHARACTERISTICS
0.5
Dwg. GP-063-1
1.0
2.0
1.5
VCE IN VOLTS
0
60
40
20
0
TA = +25
°C
REXT = 470


Similar Part No. - A6277

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6277

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com