Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6277 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6277
Description  8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6277 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6277 Datasheet HTML 4Page - Allegro MicroSystems A6277 Datasheet HTML 5Page - Allegro MicroSystems A6277 Datasheet HTML 6Page - Allegro MicroSystems A6277 Datasheet HTML 7Page - Allegro MicroSystems A6277 Datasheet HTML 8Page - Allegro MicroSystems A6277 Datasheet HTML 9Page - Allegro MicroSystems A6277 Datasheet HTML 10Page - Allegro MicroSystems A6277 Datasheet HTML 11Page - Allegro MicroSystems A6277 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6277
8-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
www.allegromicro.com
9
TERMINAL DESCRIPTION
Terminal No.
Terminal Name
Function
1
LOGIC GROUND
Reference terminal for control logic.
2
SERIAL DATA IN
Serial-data input to the shift-register.
3
CLOCK
Clock input terminal for data shift on rising edge.
4
LATCH ENABLE
Data strobe input terminal; serial data is latched with high-level input.
5
HIGH/LOW
Logic low for 100% of programmed current level;
(CURRENT)
logic high for 50% of programmed current level.
6
POWER GROUND
Ground.
7-14
OUT0-7
The eight current-sinking output terminals.
15
POWER GROUND
Ground.
16
OUTPUT ENABLE
When (active) low, the output drivers are enabled; when high, all output
drivers are turned OFF (blanked).
17
SERIAL OUT2
CMOS serial-data output (on clock falling edge).
18
SERIAL OUT1
CMOS serial-data output (on clock rising edge)
to the following shift-registers.
19
REXT
An external resistor at this terminal establishes the output current for all sink
drivers.
20
LOGIC SUPPLY
(VDD) The logic supply voltage. Typically 5 V.
The products described here are manufactured under one or more
U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be
required to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support devices or systems without express written approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsi-
bility for its use; nor for any infringement of patents or other rights of
third parties which may result from its use.


Similar Part No. - A6277

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6277

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com