Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTG12028P Datasheet(PDF) 7 Page - FCI connector

Part # UTG12028P
Description  wide range in current capability
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG12028P Datasheet(HTML) 7 Page - FCI connector

Back Button UTG12028P Datasheet HTML 3Page - FCI connector UTG12028P Datasheet HTML 4Page - FCI connector UTG12028P Datasheet HTML 5Page - FCI connector UTG12028P Datasheet HTML 6Page - FCI connector UTG12028P Datasheet HTML 7Page - FCI connector UTG12028P Datasheet HTML 8Page - FCI connector UTG12028P Datasheet HTML 9Page - FCI connector UTG12028P Datasheet HTML 10Page - FCI connector UTG12028P Datasheet HTML 11Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
9
Circular
TRIM TRIO cavity dimensions on wire face
TRIM TRIO back shell threading
TRIM TRIO threading dimensions
Shell size
Shell thread size for backshells
PG - thread on PG cable clamp
10
9/16 - 24 UNEF
PG9
12
11/16 - 24 UNEF
PG11
14
13/16 - 20 UNEF
PG13.5
16
15/16 - 20 UNEF
PG16
18
1-1/16 - 18 UNEF
20
1-3/16 - 18 UNEF
PG21
22
1-5/16 - 18 UNEF
24
1-7/16 - 18 UNEF
PG29


Similar Part No. - UTG12028P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UTG12028P EATON-UTG12028P Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG12028P

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
   Wide current range
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Axiomtek Co., Ltd.
EBOX511-820-FL AXIOMTEK-EBOX511-820-FL Datasheet
445Kb / 1P
   Wide range DC-in
EBOX531-820-FL AXIOMTEK-EBOX531-820-FL Datasheet
329Kb / 1P
   Wide range DC-in
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com