Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4665-2ARZ-RL Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4665-2ARZ-RL
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARZ-RL Datasheet(HTML) 2 Page - Analog Devices

  ADA4665-2ARZ-RL Datasheet HTML 1Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 2Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 3Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 4Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4665-2
Rev. 0 | Page 2 of 2
0
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—16 V Operation ............................. 3
 
Electrical Characteristics—5 V Operation................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance .......................................................................5
 
ESD Caution...................................................................................5
 
Typical Performance Characteristics ..............................................6
 
Applications Information .............................................................. 15
 
Rail-to-Rail Input Operation .................................................... 15
 
Current Shunt Sensor ................................................................ 15
 
Active Filters ............................................................................... 15
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
1/09—Revision 0: Initial Version


Similar Part No. - ADA4665-2ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4665-2ARZ-RL1 AD-ADA4665-2ARZ-RL1 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
More results

Similar Description - ADA4665-2ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
[Old version datasheet]   16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com