Electronic Components Datasheet Search |
|
ZSR300CSTZ Datasheet(PDF) 4 Page - Zetex Semiconductors |
|
ZSR300CSTZ Datasheet(HTML) 4 Page - Zetex Semiconductors |
4 / 18 page ZSR SERIES Issue 9 - October 2007 4 www.zetex.com © Zetex Semiconductors plc 2007 ZSR500 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9V ZSR800 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=12V NOTES: ( )Tj=-55 to 125°C Symbol Parameter Conditions Min. Typ. Max. Units VO Output Voltage 4.875 5 5.126 V IO=1 to 200mA( ) 4.8 5.2 V Vin=7 to 20V IO =1 to 100mA( ) 4.8 5.2 V VO Line regulation Vin=7 to 20V 10 40 mV VO Load regulation IO=1 to 200mA 5 25 mV IO=1 to 100mA 2 mV Ig Quiescent current ( ) 350 600 A Ig Quiescent current change IO=1 to 200mA 100 A Vin=7 to 20V 100 A Vn Output noise voltage f=10Hz to 10Hz 75 V rms Vin/ VO Ripple rejection Vin=8 to 18V 48 62 dB f=120Hz Vin Input voltage required to maintain regulation 76.7 V VO/ T Average temperature coefficient of VO IO=5.0mA( ) 0.1 mV/°C Symbol Parameter Conditions Min. Typ. Max. Units VO Output Voltage 7.8 8 8.25 V IO=1 to 200mA( ) 7.68 8.32 V Vin=10 to 20V IO =1 to 100mA( ) 7.68 8.32 V VO Line regulation Vin=10 to 20V 11 40 mV VO Load regulation IO=1 to 200mA 8 30 mV IO=1 to 100mA 3 mV Ig Quiescent current ( ) 350 600 A Ig Quiescent current change IO=1 to 200mA 100 A Vin=10 to 20V 100 A Vn Output noise voltage f=10Hz to 10Hz 115 V rms Vin/ VO Ripple rejection Vin=11 to 18V 44 60 dB f=120Hz Vin Input voltage required to maintain regulation 9.7 V VO/ T Average temperature coefficient of VO IO=5.0mA( ) 0.25 mV/°C |
Similar Part No. - ZSR300CSTZ |
|
Similar Description - ZSR300CSTZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |