Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCD1000EQ16 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXCD1000EQ16
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000EQ16 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXCD1000EQ16 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 11Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 12Page - Zetex Semiconductors ZXCD1000EQ16 Datasheet HTML 13Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Other Solutions - Stereo, Closed Loop and Higher Powers.
STEREO
It is possible to duplicate the above solution to give a 2
channel stereo solution. However if the oscillator
frequencies are not locked together, a beat can occur
which is acoustically audible. This is undesirable. A
stereo solution which avoids this problem can be
achieved by synchronising the operating frequencies
of both ZXCD1000’s class D controller IC’s, by slaving
one device from the other. This is illustrated in Figure 8.
Great care must be taken when linking the triangle
from the master to the slave. Any pickup can cause
slicing errors and result in increased distortion. The
best connection method is to run two tracks, side by
side, from the master to the slave. One of these tracks
would be the triangle itself, and the other would be the
direct local ground linking the master pin9 ground to
the slave pin 9 ground.
A demonstration board, ZXCD1000EVSOL, is available
for a stereo 25W solution.
ZXCD1000
ISSUE 2 - APRIL 2002
9
MASTER
SLAVE
Figure 8 Frequency synchronisation for stereo applications


Similar Part No. - ZXCD1000EQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
More results

Similar Description - ZXCD1000EQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1010 ZETEX-ZXCD1010 Datasheet
555Kb / 12P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
logo
National Semiconductor ...
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
   170W Class D Audio Power Amplifier Solution
logo
Texas Instruments
LM4651 TI1-LM4651 Datasheet
2Mb / 34P
[Old version datasheet]   Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LM4651 NSC-LM4651 Datasheet
586Kb / 20P
   LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com