Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSR1200GTA Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZSR1200GTA
Description  3.0 to 12 volt fixed positive local voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR1200GTA Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZSR1200GTA Datasheet HTML 1Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 2Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 3Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 4Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 5Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 6Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 7Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 8Page - Zetex Semiconductors ZSR1200GTA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
ZSR1000 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=14V
ZSR1200 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=16V
NOTES:
(
)Tj=-55 to 125°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
9.75
10
10.25
V
IO=1 to 200mA( )
9.6
10.4
V
Vin=12 to 20V
IO =1 to 100mA( )
9.6
10.4
V
VO
Line regulation
Vin=12 to 20V
12
40
mV
VO
Load regulation
IO=1 to 200mA
9
30
mV
IO=1 to 100mA
3
mV
Ig
Quiescent current
( )
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=12 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
150
V rms
Vin/ VO
Ripple rejection
Vin=13 to 18V
43
57
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
11.7
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA( )
0.25
mV/°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
11.7
12
12.3
V
IO=1 to 200mA( )
11.52
12.48
V
Vin=14 to 20V
IO =1 to 100mA( )
11.52
12.48
V
VO
Line regulation
Vin=14 to 20V
12
40
mV
VO
Load regulation
IO=1 to 200mA
9
30
mV
IO=1 to 100mA
3
mV
Ig
Quiescent current
( )
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=14 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
150
V rms
Vin/ VO
Ripple rejection
Vin=15 to 18V
43
57
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
13.7
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA( )
0.25
mV/°C


Similar Part No. - ZSR1200GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSR1200GTA DIODES-ZSR1200GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR1200GTA DIODES-ZSR1200GTA Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
More results

Similar Description - ZSR1200GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com