Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM697AN Datasheet(PDF) 6 Page - Analog Devices

Part # ADM697AN
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM697AN Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM697AN Datasheet HTML 2Page - Analog Devices ADM697AN Datasheet HTML 3Page - Analog Devices ADM697AN Datasheet HTML 4Page - Analog Devices ADM697AN Datasheet HTML 5Page - Analog Devices ADM697AN Datasheet HTML 6Page - Analog Devices ADM697AN Datasheet HTML 7Page - Analog Devices ADM697AN Datasheet HTML 8Page - Analog Devices ADM697AN Datasheet HTML 9Page - Analog Devices ADM697AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM696/ADM697
REV. 0
–6–
Table I. ADM696, ADM697 Reset Pulse Width and Watchdog Timeout Selections
Watchdog Timeout Period
Reset Active Period
OSC SEL
OSC IN
Normal
Immediately After Reset
Low
External Clock Input
1024 CLKS
4096 CLKS
512 CLKS
Low
External Capacitor
400 ms
× C/47 pF
1.6 s
× C/47 pF
200 ms
× C/47 pF
Floating or High
Low
100 ms
1.6 s
50 ms
Floating or High
Floating or High
1.6 s
1.6 s
50 ms
NOTE
With the OSC SEL pin low, OSC IN can be driven by an external clock signal, or an external capacitor can be connected between OSC IN and GND. The nominal
internal oscillator frequency is 10.24 kHz. The nominal oscillator frequency with external capacitor is: F OSC (Hz) = 184,000/C (pF).
t
2
RESET
WDO
WDI
t
1
= RESET TIME
t
2
= NORMAL (SHORT) WATCHDOG TIMEOUT PERIOD
t
3
= WATCHDOG TIMEOUT PERIOD IMMEDIATELY FOLLOWING A RESET
t
1
t
1
t
1
t
3
Figure 3. Watchdog Timeout Period and Reset Active Time
The watchdog timeout period defaults to 1.6 s and the reset
pulse width defaults to 50 ms but these times to be adjusted as
shown in Table I. Figure 4 shows the various oscillator configu-
rations which can be used to adjust the reset pulse width and
watchdog timeout period.
The internal oscillator is enabled when OSC SEL is high or
floating. In this mode, OSC IN selects between the 1.6 second
and 100 ms watchdog timeout periods. In either case, immedi-
ately after a reset the timeout period is 1.6 s. This gives the mi-
croprocessor time to reinitialize the system. If OSC IN is low,
then the 100 ms watchdog period becomes effective after the
first transition of WDI. The software should be written such
that the I/O port driving WDI is left in its power-up reset state
until the initialization routines are completed and the micropro-
cessor is able to toggle WDI at the minimum watchdog timeout
period of 70 ms.
OSC IN
OSC SEL
ADM69x
CLOCK
0 TO 250kHz
8
7
Figure 4a. External Clock Source
OSC IN
OSC SEL
ADM69x
8
7
C
OSC
Figure 4b. External Capacitor
OSC IN
OSC SEL
ADM69x
8
7
NC
NC
Figure 4c. Internal Oscillator (1.6 s Watchdog)
OSC IN
OSC SEL
ADM69x
8
7
NC
Figure 4d. Internal Oscillator (100 ms Watchdog)
Watchdog Output (WDO)
The Watchdog Output WDO provides a status output which
goes low if the watchdog timer “times out” and remains low
until set high by the next transition on the watchdog input.
WDO
is also set high when LLIN goes below the reset threshold.


Similar Part No. - ADM697AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM697AN AD-ADM697AN Datasheet
407Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM697AN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com