Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV048ATMTC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV048ATMTC
Description  DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV048ATMTC Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90LV048ATMTC Datasheet HTML 3Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 4Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 5Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 6Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 7Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 8Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 9Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 10Page - Texas Instruments DS90LV048ATMTC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS90LV048A
www.ti.com
SNLS045B – JULY 1999 – REVISED APRIL 2013
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual (lit #550062-002), AN-808 (SNLA028), AN-977 (SNLA166), AN-971 (SNLA165),
AN-916 (SNLA219), AN-805 (SNOA233), AN-903 (SNLA034). The latest applications material is available on the
web at: www.ti.com
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 5. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically, the characteristic impedance of the media is in the
range of 100
Ω. A termination resistor of 100Ω (selected to match the media), and is located as close to the
receiver input pins as possible. The termination resistor converts the driver output (current mode) into a voltage
that is detected by the receiver. Other configurations are possible such as a multi-receiver configuration, but the
effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as well as ground
shifting, noise margin limits, and total termination loading must be taken into account.
The DS90LV048A differential line receiver is capable of detecting signals as low as 100mV, over a ±1V common-
mode range centered around +1.2V. This is related to the driver offset voltage which is typically +1.2V. The
driven signal is centered around this voltage and may shift ±1V around this center point. The ±1V shifting may be
the result of a ground potential difference between the driver's ground reference and the receiver's ground
reference, the common-mode effects of coupled noise, or a combination of the two. The AC parameters of both
receiver input pins are optimized for a recommended operating input voltage range of 0V to +2.4V (measured
from each pin to ground). The device will operate for receiver input voltages up to VCC, but exceeding VCC will
turn on the ESD protection circuitry which will clamp the bus voltages.
The DS90LV048A has a flow-through pinout that allows for easy PCB layout. The LVDS signals on one side of
the device easily allows for matching electrical lengths of the differential pair trace lines between the driver and
the receiver as well as allowing the trace lines to be close together to couple noise as common-mode. Noise
isolation is achieved with the LVDS signals on one side of the device and the TTL signals on the other side.
Power Decoupling Recommendations
Bypass capacitors must be used on power pins. Use high frequency ceramic (surface mount is recommended)
0.1
μF and 0.001μF capacitors in parallel at the power supply pin with the smallest value capacitor closest to the
device supply pin. Additional scattered capacitors over the printed circuit board will improve decoupling. Multiple
vias should be used to connect the decoupling capacitors to the power planes. A 10
μF (35V) or greater solid
tantalum capacitor should be connected at the power entry point on the printed circuit board between the supply
and ground.
PC Board considerations
Use at least 4 PCB layers (top to bottom); LVDS signals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL may couple onto the LVDS lines. It is best to put TTL
and LVDS signals on different layers which are isolated by a power/ground plane(s)
Keep drivers and receivers as close to the (LVDS port side) connectors as possible.
Differential Traces
Use controlled impedance traces which match the differential impedance of your transmission medium (ie. cable)
and termination resistor. Run the differential pair trace lines as close together as possible as soon as they leave
the IC (stubs should be < 10mm long). This will help eliminate reflections and ensure noise is coupled as
common-mode. In fact, we have seen that differential signals which are 1mm apart radiate far less noise than
traces 3mm apart since magnetic field cancellation is much better with the closer traces. In addition, noise
induced on the differential lines is much more likely to appear as common-mode which is rejected by the
receiver.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90LV048A


Similar Part No. - DS90LV048ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048ATMTC NSC-DS90LV048ATMTC Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTC NSC-DS90LV048ATMTC Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTC TI1-DS90LV048ATMTC Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTC/NOPB TI1-DS90LV048ATMTC/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV048ATMTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com