Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV048ATMX Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90LV048ATMX
Description  DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV048ATMX Datasheet(HTML) 5 Page - Texas Instruments

  DS90LV048ATMX Datasheet HTML 1Page - Texas Instruments DS90LV048ATMX Datasheet HTML 2Page - Texas Instruments DS90LV048ATMX Datasheet HTML 3Page - Texas Instruments DS90LV048ATMX Datasheet HTML 4Page - Texas Instruments DS90LV048ATMX Datasheet HTML 5Page - Texas Instruments DS90LV048ATMX Datasheet HTML 6Page - Texas Instruments DS90LV048ATMX Datasheet HTML 7Page - Texas Instruments DS90LV048ATMX Datasheet HTML 8Page - Texas Instruments DS90LV048ATMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS90LV048A
www.ti.com
SNLS045B – JULY 1999 – REVISED APRIL 2013
SWITCHING CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHLD
Differential Propagation Delay High to Low
CL = 15 pF
1.2
2.0
2.7
ns
VID = 200 mV
tPLHD
Differential Propagation Delay Low to High
1.2
1.9
2.7
ns
(Figure 1 and Figure 2)
tSKD1
Differential Pulse Skew |tPHLD − tPLHD|
(5)
0
0.1
0.4
ns
tSKD2
Differential Channel-to-Channel Skew; same device(3)
0
0.15
0.5
ns
tSKD3
Differential Part to Part Skew(4)
1.0
ns
tSKD4
Differential Part to Part Skew(6)
1.5
ns
tTLH
Rise Time
0.5
1.0
ns
tTHL
Fall Time
0.35
1.0
ns
tPHZ
Disable Time High to Z
RL = 2 kΩ
8
14
ns
CL = 15 pF
tPLZ
Disable Time Low to Z
8
14
ns
(Figure 3 and Figure 4)
tPZH
Enable Time Z to High
9
14
ns
tPZL
Enable Time Z to Low
9
14
ns
fMAX
Maximum Operating Frequency(7)
All Channels Switching
200
250
MHz
(1)
All typicals are given for: VCC = +3.3V, TA = +25°C.
(2)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr and tf (0% to 100%) ≤ 3 ns for RIN.
(3)
tSKD2, Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the
same chip with any event on the inputs.
(4)
tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
at the same VCC, and within 5°C of each other within the operating temperature range.
(5)
tSKD1 is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of
the same channel
(6)
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max−Min| differential
propagation delay.
(7)
fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, differential (1.05V to 1.35V peak to peak). Output criteria:
60/40% duty cycle, VOL (max 0.4V), VOH (min 2.7V), Load = 15 pF (stray plus probes).
PARAMETER MEASUREMENT INFORMATION
Figure 1. Receiver Propagation Delay and Transition Time Test Circuit
Figure 2. Receiver Propagation Delay and Transition Time Waveforms
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90LV048A


Similar Part No. - DS90LV048ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMX TI-DS90LV048ATMX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMX/NOPB TI1-DS90LV048ATMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV048ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com