Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2183KSTZ-160 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-2183KSTZ-160
Description  DSP Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2183KSTZ-160 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-2183KSTZ-160 Datasheet HTML 3Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 4Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 5Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 6Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 7Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 8Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 9Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 10Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADSP-2183
–7–
REV. C
Table II.
PMOVLAY Memory
A13
A12:0
0
Internal
Not Applicable
Not Applicable
1
External
0
13 LSBs of Address
Overlay 1
Between 0x2000
and 0x3FFF
2
External
1
13 LSBs of Address
Overlay 2
Between 0x2000
and 0x3FFF
This organization provides for two external 8K overlay segments
using only the normal 14 address bits. This allows for simple
program overlays using one of the two external segments in
place of the on-chip memory. Care must be taken in using this
overlay space because the processor core (i.e., the sequencer)
does not take the PMOVLAY register value into account. For
example, if a loop operation were occurring on one of the exter-
nal overlays, and the program changes to another external over-
lay or internal memory, an incorrect loop operation could occur.
In addition, care must be taken in interrupt service routines as
the overlay registers are not automatically saved and restored on
the processor mode stack.
For ADSP-2100 Family compatibility, MMAP = 1 is allowed.
In this mode, booting is disabled and overlay memory is dis-
abled (PMOVLAY must be 0). Figure 5 shows the memory map
in this configuration.
INTERNAL 8K
(PMOVLAY = 0,
MMAP = 1)
0x3FFF
0x2000
0x1FFF
8K EXTERNAL
0x0000
PROGRAM MEMORY
ADDRESS
Figure 5. Program Memory (MMAP = 1)
Data Memory
The ADSP-2183 has 16,352 16-bit words of internal data
memory. In addition, the ADSP-2183 allows the use of 8K
external memory overlays. Figure 6 shows the organization of
the data memory.
8K INTERNAL
(DMOVLAY = 0)
OR
EXTERNAL 8K
(DMOVLAY = 1, 2)
INTERNAL
8160 WORDS
DATA MEMORY
ADDRESS
32 MEMORY–
MAPPED REGISTERS
0x3FFF
0x3FEO
0x3FDF
0x2000
0x1FFF
0x0000
Figure 6. Data Memory
Memory Architecture
The ADSP-2183 provides a variety of memory and peripheral
interface options. The key functional groups are Program
Memory, Data Memory, Byte Memory and I/O.
Program Memory is a 24-bit-wide space for storing both
instruction opcodes and data. The ADSP-2183 has 16K words
of Program Memory RAM on chip and the capability of access-
ing up to two 8K external memory overlay spaces using the
external data bus. Both an instruction opcode and a data value
can be read from on-chip program memory in a single cycle.
Data Memory is a 16-bit-wide space used for the storage of
data variables and for memory-mapped control registers. The
ADSP-2183 has 16K words on Data Memory RAM on chip,
consisting of 16,352 user-accessible locations and 32 memory-
mapped registers. Support also exists for up to two 8K external
memory overlay spaces through the external data bus.
Byte Memory provides access to an 8-bit-wide memory space
through the Byte DMA (BDMA) port. The Byte Memory inter-
face provides access to 4 MBytes of memory by utilizing eight
data lines as additional address lines. This gives the BDMA Port
an effective 22-bit address range. On power-up, the DSP can
automatically load bootstrap code from byte memory.
I/O Space allows access to 2048 locations of 16-bit-wide data.
It is intended to be used to communicate with parallel periph-
eral devices such as data converters and external registers or
latches.
Program Memory
The ADSP-2183 contains a 16K
× 24 on-chip program RAM.
The on-chip program memory is designed to allow up to two
accesses each cycle so that all operations can complete in a
single cycle. In addition, the ADSP-2183 allows the use of 8K
external memory overlays.
The program memory space organization is controlled by the
MMAP pin and the PMOVLAY register. Normally, the ADSP-
2183 is configured with MMAP = 0 and program memory orga-
nized as shown in Figure 4.
8K INTERNAL
(PMOVLAY = 0,
MMAP = 0)
OR
EXTERNAL 8K
(PMOVLAY = 1 or 2,
MMAP = 0)
0x3FFF
0x2000
0x1FFF
8K INTERNAL
0x0000
PROGRAM MEMORY
ADDRESS
Figure 4. Program Memory (MMAP = 0)
There are 16K words of memory accessible internally when the
PMOVLAY register is set to 0. When PMOVLAY is set to
something other than 0, external accesses occur at addresses
0x2000 through 0x3FFF. The external address is generated as
shown in Table II.


Similar Part No. - ADSP-2183KSTZ-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183KST-115 AD-ADSP-2183KST-115 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-133 AD-ADSP-2183KST-133 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-160 AD-ADSP-2183KST-160 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-210 AD-ADSP-2183KST-210 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-2183KSTZ-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com