Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1712AUJZ-1.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1712AUJZ-1.5-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-1.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1712AUJZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-1.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, IOUT = 10 mA, CIN = COUT = 2.2 μF, TA = 25°C, unless otherwise noted.
3.32
3.31
3.30
3.29
3.28
3.27
3.26
–40
TJ (°C)
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
10
60
110
Figure 9. Output Voltage vs. Junction Temperature
3.304
3.290
0.1
1000
ILOAD (mA)
1
10
100
3.302
3.300
3.298
3.296
3.294
3.292
Figure 10. Output Voltage vs. Load Current
VIN (V)
3.280
3.285
3.290
3.295
3.300
3.305
5.3
3.3
3.8
4.3
4.8
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 11. Output Voltage vs. Input Voltage
450
0
–40
TJ (°C)
10
60
110
400
350
300
250
200
150
100
50
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 12. Ground Current vs. Junction Temperature
400
0
0.1
1000
ILOAD (mA)
1
10
100
350
300
250
200
150
100
50
Figure 13. Ground Current vs. Load Current
VIN (V)
0
500
5.3
3.3
3.8
4.3
4.8
450
400
350
300
250
200
150
100
50
ILOAD = 300mA
ILOAD = 200mA
ILOAD = 100mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100µA
Figure 14. Ground Current vs. Input Voltage


Similar Part No. - ADP1712AUJZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1712AUJZ-1.5-R71 AD-ADP1712AUJZ-1.5-R71 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results

Similar Description - ADP1712AUJZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com