Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7231ADWG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7231ADWG4
Description  One Megabit per Second Triple Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADWG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7231ADWG4 Datasheet HTML 7Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 8Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 9Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 10Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 11Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 12Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 13Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 14Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
T -Free-AirTemperature- C
A
°
5VV
th+
3.3VV
th+
5VV
th-
3.3VV
th-
AirFlowat7cf/m,
Low-KBoard
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40
-25
-10
5
20
35
50
65
80
95
110
125
T -Free-AirTemperature- C
A
°
V
fs+
V
fs-
V
at5Vor3.3V,
Load=15pF,
AirFlowat7/cf/m,
Low-KBoard
CC
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
0
10
20
30
40
50
0
2
4
6
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
Not Recommended for New Designs
ISO7230A
ISO7231A
www.ti.com
SLLS906C
– MAY 2008 – REVISED JUNE 2011
THERMAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
168
θJA
Junction-to-air
°C/W
High-K Thermal Resistance
96.1
θJB
Junction-to-Board Thermal Resistance
61
°C/W
θJC
Junction-to-Case Thermal Resistance
48
°C/W
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD
Device Power Dissipation
220
mW
Input a 50% duty cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
TYPICAL CHARACTERISTIC CURVES
INPUT THRESHOLD VOLTAGE
VCC1 FAILSAFE THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 7.
Figure 8.
Copyright
© 2008–2011, Texas Instruments Incorporated
11


Similar Part No. - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231ADW TI-ISO7231ADW Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
ISO7231ADWR TI-ISO7231ADWR Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
More results

Similar Description - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com