Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111-N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM111-N
Description  LM111-N/LM211-N/LM311-N Voltage Comparator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM111-N Datasheet(HTML) 5 Page - Texas Instruments

  LM111-N Datasheet HTML 1Page - Texas Instruments LM111-N Datasheet HTML 2Page - Texas Instruments LM111-N Datasheet HTML 3Page - Texas Instruments LM111-N Datasheet HTML 4Page - Texas Instruments LM111-N Datasheet HTML 5Page - Texas Instruments LM111-N Datasheet HTML 6Page - Texas Instruments LM111-N Datasheet HTML 7Page - Texas Instruments LM111-N Datasheet HTML 8Page - Texas Instruments LM111-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM111-N, LM211-N, LM311-N
www.ti.com
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
Absolute Maximum Ratings for the LM311-N
(1) (2)
Total Supply Voltage (V84)
36V
Output to Negative Supply Voltage (V74)
40V
Ground to Negative Supply Voltage (V14)
30V
Differential Input Voltage
±30V
Input Voltage(3)
±15V
Power Dissipation(4)
500 mW
ESD Rating(5)
300V
Output Short Circuit Duration
10 sec
Operating Temperature Range
0° to 70°C
Storage Temperature Range
−65°C to 150°C
Lead Temperature (soldering, 10 sec)
260°C
Voltage at Strobe Pin
V+
−5V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260°C
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
“Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.”
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit
is equal to the negative supply voltage or 30V below the positive supply, whichever is less.
(4)
The maximum junction temperature of the LM311-N is 110°C. For operating at elevated temperature, devices in the LMC package must
be derated based on a thermal resistance of 165°C/W, junction to ambient, or 20°C/W, junction to case. The thermal resistance of the
dual-in-line package is 100°C/W, junction to ambient.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1) for the LM311-N
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage(2)
TA=25°C, RS≤50k
2.0
7.5
mV
Input Offset Current(2)
TA=25°C
6.0
50
nA
Input Bias Current
TA=25°C
100
250
nA
Voltage Gain
TA=25°C
40
200
V/mV
Response Time(3)
TA=25°C
200
ns
Saturation Voltage
VIN≤−10 mV, IOUT=50 mA ,
0.75
1.5
V
TA=25°C
Strobe ON Current(4)
TA=25°C
2.0
5.0
mA
Output Leakage Current
VIN≥10 mV, VOUT=35V TA=25°C,
0.2
50
nA
ISTROBE=3 mA V
= Pin 1 = −5V
Input Offset Voltage(2)
RS≤50K
10
mV
Input Offset Current(2)
70
nA
Input Bias Current
300
nA
Input Voltage Range
−14.5
13.8,
−14.7
13.0
V
Saturation Voltage
V+
≥4.5V, V=0, VIN≤−10 mV,
0.23
0.4
V
IOUT≤8 mA
Positive Supply Current
TA=25°C
5.1
7.5
mA
Negative Supply Current
TA=25°C
4.1
5.0
mA
(1)
These specifications apply for VS=±15V and Pin 1 at ground, and 0°C < TA < +70°C, unless otherwise specified. The offset voltage,
offset current and bias current specifications apply for any supply voltage from a single 5V supply up to ±15V supplies.
(2)
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with
1 mA load. Thus, these parameters define an error band and take into account the worst-case effects of voltage gain and RS.
(3)
The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
(4)
This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not
short the strobe pin to ground; it should be current driven at 3 to 5 mA.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM111-N LM211-N LM311-N


Similar Part No. - LM111-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM111-N TI1-LM111-N Datasheet
1Mb / 25P
[Old version datasheet]   LM111/LM211/LM311 Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Comparator
More results

Similar Description - LM111-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM111H TI-LM111H Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
905Kb / 22P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 25P
[Old version datasheet]   LM111/LM211/LM311 Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
logo
List of Unclassifed Man...
2N5239 ETC2-2N5239 Datasheet
207Kb / 4P
   HIGH-VOLTAGE, SILLCON N-P-N TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5189 NJSEMI-2N5189 Datasheet
145Kb / 1P
   SILICON N-P-N HIGH-VOLTAGE TRANSISTOR
2N5239 NJSEMI-2N5239 Datasheet
142Kb / 1P
   HIGH-VOLTAGE, SILICON N-P-N TRANSISTORS
2N4063 NJSEMI-2N4063 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com