Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340AT-5.0 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM340AT-5.0
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM340AT-5.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM340AT-5.0 Datasheet HTML 3Page - Texas Instruments LM340AT-5.0 Datasheet HTML 4Page - Texas Instruments LM340AT-5.0 Datasheet HTML 5Page - Texas Instruments LM340AT-5.0 Datasheet HTML 6Page - Texas Instruments LM340AT-5.0 Datasheet HTML 7Page - Texas Instruments LM340AT-5.0 Datasheet HTML 8Page - Texas Instruments LM340AT-5.0 Datasheet HTML 9Page - Texas Instruments LM340AT-5.0 Datasheet HTML 10Page - Texas Instruments LM340AT-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
LM340-N Electrical Characteristics
(1) (continued)
0°C
≤ TJ ≤ +125°C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RO
Dropout Voltage
TJ = 25°C, IO = 1A
2.0
2.0
2.0
V
Output
f = 1 kHz
8
18
19
m
Ω
Resistance
Short-Circuit
TJ = 25°C
2.1
1.5
1.2
A
Current
Peak Output
TJ = 25°C
2.4
2.4
2.4
A
Current
Average TC of
0°C
≤ TJ ≤ +125°C, IO = 5
−0.6
−1.5
−1.8
mV/°C
VOUT
mA
VIN
Input Voltage
TJ = 25°C, IO ≤ 1A
Required to
7.5
14.6
17.7
V
Maintain Line
Regulation
LM7808C
Electrical Characteristics
0°C
≤ TJ ≤ +150°C, VI = 14V, IO = 500 mA, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified
Symbol
Parameter
Conditions(1)
LM7808C
Units
Min
Typ
Max
VO
Output Voltage
TJ = 25°C
7.7
8.0
8.3
V
ΔVO
Line Regulation
TJ = 25°C
10.5V
≤ VI ≤ 25V
6.0
160
mV
11.0V
≤ VI ≤ 17V
2.0
80
ΔVO
Load Regulation
TJ = 25°C
5.0 mA
≤ IO ≤ 1.5A
12
160
mV
250 mA
≤ IO ≤ 750 mA
4.0
80
VO
Output Voltage
11.5V
≤ VI ≤ 23V, 5.0 mA ≤ IO ≤ 1.0A, P ≤ 15W
7.6
8.4
V
IQ
Quiescent Current
TJ = 25°C
4.3
8.0
mA
ΔIQ
Quiescent
With Line
11.5V
≤ VI ≤ 25V
1.0
mA
Current Change
With Load
5.0 mA
≤ IO ≤ 1.0A
0.5
VN
Noise
TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
52
μV
ΔVI/ΔVO
Ripple Rejection
f = 120 Hz, IO = 350 mA, TJ = 25°C
56
72
dB
VDO
Dropout Voltage
IO = 1.0A, TJ = 25°C
2.0
V
RO
Output Resistance
f = 1.0 kHz
16
m
Ω
IOS
Output Short Circuit Current
TJ = 25°C, VI = 35V
0.45
A
IPK
Peak Output Current
TJ = 25°C
2.2
A
ΔVO/ΔT
Average Temperature Coefficient of
IO = 5.0 mA
0.8
mV/°C
Output Voltage
(1)
All characteristics are measured with a 0.22
μF capacitor from input to ground and a 0.1 μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM340-N LM78xx


Similar Part No. - LM340AT-5.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340AT-5.0 MOTOROLA-LM340AT-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340AT-5.0 ONSEMI-LM340AT-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340AT-5.0 NSC-LM340AT-5.0 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM340AT-5.0 NSC-LM340AT-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340AT-5.0 TI1-LM340AT-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340AT-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com