Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2512ASMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2512ASMX
Description  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASMX Datasheet(HTML) 2 Page - Texas Instruments

  LM2512ASMX Datasheet HTML 1Page - Texas Instruments LM2512ASMX Datasheet HTML 2Page - Texas Instruments LM2512ASMX Datasheet HTML 3Page - Texas Instruments LM2512ASMX Datasheet HTML 4Page - Texas Instruments LM2512ASMX Datasheet HTML 5Page - Texas Instruments LM2512ASMX Datasheet HTML 6Page - Texas Instruments LM2512ASMX Datasheet HTML 7Page - Texas Instruments LM2512ASMX Datasheet HTML 8Page - Texas Instruments LM2512ASMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2512A
SNLS269B – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Pin Descriptions
No.
Description
Pin Name
I/O, Type(1)
of Pins
RGB Serializer
MPL SERIAL BUS PINS
MD[2:0]
3
O, MPL
MPL Data Line Driver
MC
1
O, MPL
MPL Clock Line Driver
SPI INTERFACE and CONFIGURATION PINS
SPI_CSX
1
I,
SPI_Chip Select Input
LVCMOS
SPI port is enabled when: SPI_CSX is Low, PD* is High, and PCLK is static.
SPI_SCL
1
I,
SPI_Clock Input
LVCMOS
SPI_SDA/HS
1
IO,
Multi-function Pin:
LVCMOS
If SPI_CSX is Low, this is the SPI_SDA IO signal. Default is Input. Pin will be an
output for a SPI Read transaction.
See HS description below also.
PD*
1
I,
Power Down Mode Input
LVCMOS
SER is in sleep mode when PD* = Low, SER is enabled when PD* = High
In PD*=L - Sleep mode: SPI interface is OFF, Register settings are RESET, and
LUT data is retained.
RES1
1
I,
Reserved 1 - Tie High (VDDIO) only available on NZK0049A package
LVCMOS
TM
1
I,
Test Mode
LVCMOS
L = Normal Mode, tie to GND
H = Test Mode (Reserved)
NC
1
NA
Not Connected - Leave Open; only on NZK0049A package
VIDEO INTERFACE PINS
PCLK
1
I,
Pixel Clock Input
LVCMOS
Video Signals are latched on the RISING edge.
R[7:0]
24
I,
RGB Data Bus Inputs – Bit 7 is the MSB.
G[7:0]
LVCMOS
B[7:0]
VS
1
I,
Vertical Sync. Input
LVCMOS
This signal is used as a frame start for the Dither block and is required. The
VS signal is serialized unmodified.
SPI_SDA/HS
1
IO,
Multi-function Pin:
LVCMOS
Horizontal Sync. Input (when SPI_CSX = High)
See SPI_SDA description above also.
DE
1
I,
Data Enable Input
LVCMOS
POWER/GROUND PINS
VDDA
1
Power
Power Supply Pin for the PLL (SER) and MPL Interface.
1.6V to 2.0V
VDD
1
Power
Power Supply Pin for the digital core.
1.6V to 2.0V
VDDIO
3
Power
Power Supply Pin for the parallel interface I/Os.
1.6V to 3.0V
VSSA
1
Ground
Ground Pin for PLL (SER) and MPL interface
VSS
1
Ground
Ground Pin for digital core. For SN40A package, this is the large center pad.
VSSIO
4
Ground
Ground Pin for the parallel interface I/Os. For NJM0040A package, this is the large
center pad.
(1)
Note: I = Input, O = Output, IO = Input/Output. Do not float input pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2512A


Similar Part No. - LM2512ASMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512ASMX NSC-LM2512ASMX Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Similar Description - LM2512ASMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com