Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX1515S-31P-0SH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FX1515S-31P-0SH
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX1515S-31P-0SH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FX1515S-31P-0SH Datasheet HTML 1Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 2Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 3Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 4Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 5Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 6Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FX1515S-31P-0SH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
B273
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15 Series
Contacts consolidated into 1 row for equal length transmission lines
Mating side: 1 mm pitch, staggered 2-row construction
Termination side: 0.5 mm pitch, 1-row construction
sFeatures
1. Space saving
Reduction in space is achieved by designing the
contacts in 2-row staggered 1 mm pitch on the mating
side and on a single row 0.5 mm pitch on the termination
side (Fig. 1).
2. Equal length transmission lines
Contact configuration creates equal length transmission
lines preventing deterioration of LVDS signal within the
connector (Fig.1).
3. Different types
Availability of types with or without metal shields allows
flexibility of applications and cost reduction.
4. Self alignment and self-guiding
Built-in guide posts allow secure self-alignment within
±1.5 mm (Fig.2).
5. Secure and complete mating / unmating
Side latch-locks assure and confirm complete and
secure mating of plugs to receptacles while permitting
ease of disconnection (Fig. 3).
6. Enhanced shielding effectiveness
Availability of version with enlarged metal shields
(preventing intrusion or emission of the electromagnetic
interference) further protects the integrity of LVDS signal
(FX15S series, Fig.4)
7. RoHS compliant
All components and materials comply with the
reqirements of EU Directive 2002/95/EC.
sApplications
FPD-TV, FPD panels and other applications requiring
secure and reliable connection and transmission signal
integrity.
Space saving, Equal length transmission lines
Patent
pending
0
0.1 0.2
0.3
0.5
1
2
3
1.5
-10
-20
-30
-40
-50
Frequency (GHz)
With metal
Without metal
High Shielding Effectiveness
Fig.1
Self-alignment of ±1.5 mm
Side latch -locks
Large guide post
1.5mm
1.5mm
1.5mm
With metal shields
(FX15 and FX15S Series)
Without metal shields
(FX15M Series)
Fig.2
Fig.3
Fig.4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX1515S-31P-0SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-3032PCFA HIROSE-FX15-3032PCFA Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-3032PCFB HIROSE-FX15-3032PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX1515S-31P-0SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com