Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2750
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750 Datasheet(HTML) 5 Page - Texas Instruments

  LM2750 Datasheet HTML 1Page - Texas Instruments LM2750 Datasheet HTML 2Page - Texas Instruments LM2750 Datasheet HTML 3Page - Texas Instruments LM2750 Datasheet HTML 4Page - Texas Instruments LM2750 Datasheet HTML 5Page - Texas Instruments LM2750 Datasheet HTML 6Page - Texas Instruments LM2750 Datasheet HTML 7Page - Texas Instruments LM2750 Datasheet HTML 8Page - Texas Instruments LM2750 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
I2
I1
I2
I1
S2
S4
S1
S3
1.2V
Ref.
1.7 MHz Osc.
OCL
OCL = Over-
Current Limit
VIN
VOUT
C-
C+
Soft-
start
SD
LM2750
GND
FB**
Ra*
Rb*
* LM2750-5.0 only
** LM2750-ADJ only
R1**
R2**
LM2750
www.ti.com
SNVS180L – APRIL 2002 – REVISED MAY 2013
Electrical Characteristics
(1) (2) (continued)
Typical values and limits in standard typeface apply for TJ = 25ºC. Limits in boldface type apply over the operating junction
temperature range. Unless otherwise specified: 2.9V
≤ VIN ≤ 5.6V, VOUT = 5.0V (LM2750-ADJ), V(SD) = VIN, CFLY = 1µF, CIN =
2 x 1µF, COUT = 2 x 1µF
(3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Capacitor Requirements
IOUT ≤ 60mA
1.0
µF
CIN
Required Input Capacitance(7)
60mA
≤ IOUT ≤ 120mA
2.0
COUT
Required Output Capacitance(7)
IOUT ≤ 60mA
1.0
µF
60mA
≤ IOUT ≤ 120mA
2.0
(7)
Limit is the minimum required output capacitance to ensure proper operation. This electrical specification is specified by design.
BLOCK DIAGRAM
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2750


Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750-ADJ TI1-LM2750-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com