Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750LDX-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2750LDX-5.0
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750LDX-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2750LDX-5.0 Datasheet HTML 1Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 2Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 3Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 4Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 5Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 6Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 7Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 8Page - Texas Instruments LM2750LDX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Top View
1
2
3
4
5
10
9
8
7
6
VOUT
VOUT
GND/FB*
SD
GND
C+
VIN
VIN
C-
GND
Bottom View
10
9
8
7
6
1
2
3
4
5
Die-Attach
Pad (DAP)
GND
Die-Attach
Pad (DAP)
GND
VOUT
VOUT
GND/FB*
SD
GND
C+
VIN
VIN
C-
GND
* LM2750-5.0: Pin 3 = GND; LM2750-ADJ: Pin 3 = FB
LM2750
SNVS180L – APRIL 2002 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
A perfect fit for space-constrained, battery-powered applications, the LM2750 requires only 3 external
components: one input capacitor, one output capacitor, and one flying capacitor. Small, inexpensive ceramic
capacitors are recommended for use. These capacitors, in conjunction with the 1.7MHz fixed switching frequency
of the LM2750, yield low output voltage ripple, beneficial for systems requiring a low-noise supply. Pre-regulation
minimizes input current ripple, reducing input noise to negligible levels.
A tightly controlled soft-start feature limits inrush currents during part activation. Shutdown completely
disconnects the load from the input. Output current limiting and thermal shutdown circuitry protect both the
LM2750 and connected devices in the event of output shorts or excessive current loads.
Connection Diagram
Figure 1. LM2750 10-Pin WSON/SON (3mm X 3mm)
See Package Number NGY0010A or DSC0010A
Pin Names and Numbers apply to both NGY0010A and DSC0010A packages.
Pin Descriptions
Pin #(s)
Pin Name
Description
8, 9
VIN
Input Voltage - The pins must be connected externally.
1, 2
VOUT
Output Voltage - These pins must be connected externally.
10
CAP+
Flying Capacitor Positive Terminal
7
CAP-
Flying Capacitor Negative Terminal
Active-Low Shutdown Input. A 200k
Ω resistor is connected internally between this pin and
4
SD
GND to pull the voltage on this pin to 0V, and shut down the part, when the pin is left floating.
LM2750-5.0: GND
This pin must be connected externally to the ground pins (pins 5, 6, and the DAP).
3
LM2750-ADJ: FB
Feedback Pin
5, 6, DAP
GND
Ground - These pins must be connected externally.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2750


Similar Part No. - LM2750LDX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750LDX-5.0 NSC-LM2750LDX-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LDX-5.0 NSC-LM2750LDX-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LDX-5.0/NOPB TI1-LM2750LDX-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Similar Description - LM2750LDX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com