Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750SD-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2750SD-ADJ
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750SD-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2750SD-ADJ Datasheet HTML 1Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 2Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 3Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 4Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 5Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 6Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 7Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 8Page - Texas Instruments LM2750SD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM2750
www.ti.com
SNVS180L – APRIL 2002 – REVISED MAY 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin: Voltage to Ground
−0.3V to 6V
SD Pin: Voltage to GND
−0.3V to (VIN+0.3V)
Junction Temperature (TJ-MAX-ABS)
150°C
Continuous Power Dissipation(1)
Internally Limited
Maximum Output Current (2)
175mA
Storage Temperature Range
−65°C to 150°C
Maximum Lead Temperature (Soldering, 5 sec.)
260°C
ESD Rating (3)
Human-body model:
2 kV
Machine model
100V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(1)
Thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typ.) and disengages
at TJ=135°C (typ.).
(2)
Absolute Maximum Output Current specified by design. Recommended input voltage range for output currents in excess of 120mA: 3.1V
to 4.4V.
(3)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7. The machine
model is a 200pF capacitor discharged directly into each pin.
Operating Ratings
(1) (2)
LM2750-5.0 Input Voltage Range
2.7V to 5.6V
LM2750-ADJ Input Voltage Range
3.8V
≤ VOUT ≤ 4.9V:
2.7V to (VOUT+0.7V)
4.9V
≤ VOUT ≤ 5.2V:
2.7V to 5.6V
LM2750-ADJ Output Voltage Range
3.8V to 5.2V
2.9V
≤ VIN ≤ 5.6V
0 to 120mA
Recommended Output Current
2.7V
≤ VIN ≤ 2.9V
0 to 40mA
Junction Temperature (TJ) Range
-40°C to 125°C
Ambient Temperature (TA) Range
(3)
-40°C to 85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see Electrical Characteristics() ().
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125ºC), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP - (θJA × PD-MAX). Maximum power dissipation of the
LM2750 in a given application can be approximated using the following equation: PD-MAX = (VIN-MAX × IIN-MAX) - (VOUT × IOUT-MAX) = [VIN-
MAX × ((2 × IOUT-MAX) + 5mA)] - (VOUT × IOUT-MAX). In this equation, VIN-MAX, IIN-MAX, and IOUT-MAX are the maximum voltage/current of the
specific application, and not necessarily the maximum rating of the LM2750.The maximum ambient temperature rating of 85ºC is
determined under the following application conditions:
θJA = 55ºC/W, PD-MAX = 727mW (achieved when VIN-MAX = 5.5V and IOUT-MAX =
115mA, for example). Maximum ambient temperature must be derated by 1.1ºC for every increase in internal power dissipation of
20mW above 727mW (again assuming that
θJA = 55ºC/W in the application). For more information on these topics, see TI's AN-1187
Application Report (SNOA401) and the POWER EFFICIENCY AND POWER DISSIPATION section of this datasheet.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2750


Similar Part No. - LM2750SD-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750SD-ADJ NSC-LM2750SD-ADJ Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-ADJ/NOPB TI1-LM2750SD-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Similar Description - LM2750SD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com