Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJA686004NJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJA686004NJ
Description  General purpose SMT chip tantalum series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJA686004NJ Datasheet(HTML) 5 Page - AVX Corporation

  TAJA686004NJ Datasheet HTML 1Page - AVX Corporation TAJA686004NJ Datasheet HTML 2Page - AVX Corporation TAJA686004NJ Datasheet HTML 3Page - AVX Corporation TAJA686004NJ Datasheet HTML 4Page - AVX Corporation TAJA686004NJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
10
TAJ Series
Standard Tantalum
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
50 Volt @ 85ºC (33 Volt @ 125ºC)
TAJA104*050#NJ
A
0.1
50
0.5
4
22
TAJA154*050#NJ
A
0.15
50
0.5
4
15
TAJB154*050#NJ
B
0.15
50
0.5
4
17
TAJA224*050#NJ
A
0.22
50
0.5
4
18
TAJB224*050#NJ
B
0.22
50
0.5
4
14
TAJB334*050#NJ
B
0.33
50
0.5
4
12
TAJA474*050#NJ
A
0.47
50
0.5
4
9.5
TAJB474*050#NJ
B
0.47
50
0.7
4
9.5
TAJC474*050#NJ
C
0.47
50
0.5
4
8
TAJA684*050#NJ
A
0.68
50
0.5
4
7.9
TAJB684*050#NJ
B
0.68
50
0.5
4
8
TAJC684*050#NJ
C
0.68
50
0.5
4
7
TAJA105M050#NJ
A
1
50
0.5
4
6.6
TAJB105*050#NJ
B
1
50
0.5
6
7
TAJC105*050#NJ
C
1
50
0.5
4
5.5
TAJC155*050#NJ
C
1.5
50
0.8
6
4.5
TAJD155*050#NJ
D
1.5
50
0.8
6
4
TAJC225*050#NJ
C
2.2
50
1.1
6
3
TAJD225*050#NJ
D
2.2
50
1.1
6
2.5
TAJC335*050#NJ
C
3.3
50
1.7
6
2.5
TAJD335*050#NJ
D
3.3
50
1.7
6
2
TAJC475*050#NJ
C
4.7
50
0.5
4
1.4
TAJD475*050#NJ
D
4.7
50
2.4
6
1.4
TAJC685*050#NJ
C
6.8
50
3.4
6
1
TAJD685*050#NJ
D
6.8
50
3.4
6
1
TAJD106*050#NJ
D
10
50
5
6
0.8
TAJE106*050#NJ
E
10
50
5
6
1
TAJV106*050#NJ
V
10
50
5
6
0.65
TAJD156*050#NJ
D
15
50
7.5
6
0.6
TAJE156*050#NJ
E
15
50
7.5
6
0.6
TAJV156*050#NJ
V
15
50
7.5
6
0.6
TAJV226*050#NJ
V
22
50
11
8
0.6
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
TAJ series is MSL level 1 according to J-STD-020C.
* Insert K for ±10% and M for ±20%
# Standard Plating – Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead Plating
– Insert H for 7" reel and K for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE


Similar Part No. - TAJA686004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA686004NJ AVX-TAJA686004NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA686004NJ AVX-TAJA686004NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA686004NJ AVX-TAJA686004NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA686004NJ AVX-TAJA686004NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA686004NJ AVX-TAJA686004NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJA686004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com