Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF033A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AF033A
Description  METRAport 3A Folding Analog Multimeter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF033A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AF033A Datasheet HTML 1Page - List of Unclassifed Manufacturers AF033A Datasheet HTML 2Page - List of Unclassifed Manufacturers AF033A Datasheet HTML 3Page - List of Unclassifed Manufacturers AF033A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GOSSEN METRAWATT GMBH
Thomas-Mann-Str. 16 - 20
90471 Nürnberg, Germany
Edited in Germany • Subject to change without notice • PDF version available on the Internet
METRAport3A
Folding Analog Multimeter
Phone: +49-(0)-911-8602-0
Fax:
+49-(0)-911-8602-669
E-mail: info@gossenmetrawatt.com
www.gossenmetrawatt.com
● Without restriction
■ As of 50 A
Current Measuring Accessories
Suitable for
METRAport
All current sensors and transformers are equipped with a connector cable (1.2 to 1.5 m long) with 4 mm safety banana plugs
Type
Designation
Measuring Range
Meas.
Category
Max.
Wire Dia.
Transformation
Ratio
Frequency
Range
Intrinsic Error
±(% rdg. + ...)
Article
Number
3A
AC/DC Current Sensors with Voltage Output
Z201A
Clip-on current sensor
with battery mode (30 h)
0.01 ... 20 A~/30 A–
300 V /
CAT III
19 mm
100 mV/A
DC ... 400 Hz
... 20 kHz
1% + 0.002 A
Z201A
Z202A
Clip-on current sensor
with 2 measuring ranges,
battery mode (50 h)
0.1 ... 20 A~/30 A–,
1 ... 200 A~/300 A–
300 V /
CAT III
19 mm
10 mV/A,
1 mV/A
DC ... 2 kHz
... 10 kHz
1% + 0.03 A,
1% + 0.3 A
Z202A
Z203A
Clip-on current sensor
with 2 measuring ranges,
battery mode (50 h)
1 ... 200 A~/300 A–,
1 ... 1000 A~/A–
300 V /
CAT III
31 mm
1 mV/A
DC ...10 kHz 1% +0.5 A
Z203A
Z13B
Clip-on current sensor
with 2 measuring ranges,
battery mode (50 h)
0,2 ... 40 A~/60 A–,
0.5 ... 400 A~/600 A–,
300 V /
CAT IV
50 mm
10 mV/A,
1 mV/A
DC ... 65 Hz
... 10 kHz
1.5% + 0.5 A
2.5%
Z13B
AC Current Sensors with Voltage Output
WZ12B
Clip-on current sensor
10 mA~ ... 100 A~
300 V /
CAT III
15 mm
0.1 mV/mA
45 ... 65
... 500 Hz
1.5% +0.1 mA
Z219B
WZ12C
Clip-on current sensor
with 2 measuring ranges
1 mA~ ... 15 A~,
1 ... 150 A~
300 V /
CAT III
15 mm
1 mV/mA,
1 mV/A
45 ... 65
... 400 Hz
3% + 0.15 mA,
2% + 0.1 A
Z219C
WZ11B
Clip-on current sensor
with 2 measuring ranges
0.5 ... 20 A~,
5 ... 200 A~
600 V /
CAT III
20 mm
100 mV/A,
10 mV/A
30 .. .48 ...
65 ... 500 Hz
1 ... 3%
Z208B
Z3512A
Clip-on current sensor
with 4 measuring ranges
1 mA ... 1/10 A~
100/1000 A~
600 V /
CAT III
52 mm
1 V/A, 100 mV/A,
10 mV/A, 1 mV/A
10 ... 48 ...
65 ... 3 kHz
0.5 ... 3%,
0.2 ... 1%
Z225A
AF033A
AmpFLEX flexible current
sensor with 2 measuring
ranges, battery (150 h)
5 ... 30 A~,
5 ... 300 A~
1000 V /
CAT III
Length
600 mm
100 mV/A,
10 mV/A
10 ...100 Hz
... 20 kHz
1% + 0.5 A,
1% +0.5 A
Z207A
AF11A
AmpFLEX flexible current
sensor, battery (150 h)
5 ... 1000 A~
1000 V /
CAT III
Length
450 mm
1 mV/A
10 ...100 Hz
... 20 kHz
1% + 2 A
Z207D
AF33A
AmpFLEX flexible current
sensor with 2 measuring
ranges, battery (150 h)
5 ... 300 A~,
5 ... 3000 A~
1000 V /
CAT III
Length
900 mm
10 mV/A,
1 mV/A
10 ...100 Hz
... 20 kHz
1% + 0.5 A,
1% + 2 A
Z207B
AF101A
AmpFLEX flexible current
sensor with 2 measuring
ranges, battery (150 h)
5 A~... 1 k A~,
50 A~... 10 k A~
1000 V /
CAT III
Length
1200 mm
1 mV/A,
0.1 mV/A
10 ...100 Hz
... 20 kHz
1% + 2 A,
1% + 10 A
Z207C
AC Current Transformer with Current Output
WZ12A
Clip-on current transformer
15 ... 180 A~
300 V /
CAT III
15 mm
1 mA/A
45 ... 65
... 400 Hz
3%
Z219A
WZ12D
Clip-on current transformer
30 mA ... 150 A~
300 V /
CAT III
15 mm
1 mA/A
45 ... 65
... 500 Hz
2.5% +0.1 mA
Z219D
WZ11A
Clip-on current transformer
1 ... 200 A~
600 V /
CAT III
20 mm
1 mA/A
48 ... 65
... 400 Hz
1 ... 3%
Z208A
Z3511
Clip-on current transformer
4 ... 500 A~
600 V /
CAT III
30 x 63
mm
1 mA/A
48 ... 65
... 1 kHz
3% +0.4 A
GTZ 3511
000 R0001
Z3512
Clip-on current transformer
0.5 ... 1000 A~
600 V /
CAT III
52 mm
1 mA/A
30 .. .48 ...
65 ... 5 kHz
0.5% ... 0.7%
GTZ 3512
000 R0001
Z3514
Clip-on current transformer
1 ... 2000 A ~
600 V /
CAT III
64 x 150
mm
1 mA/A
30 .. .48 ...
65 ... 5 kHz
0.5% +0.1 A
GTZ 3514
000 R0001
WZ11/12 ...
Z201 ... Z203
Z13B


Similar Part No. - AF033A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
AF03-08D GETEDZ-AF03-08D Datasheet
519Kb / 2P
   High Voltage Silicon Rectifier Diode
AF03-10E GETEDZ-AF03-10E Datasheet
519Kb / 2P
   High Voltage Silicon Rectifier Diode
AF03-12E GETEDZ-AF03-12E Datasheet
519Kb / 2P
   High Voltage Silicon Rectifier Diode
AF03-15F GETEDZ-AF03-15F Datasheet
518Kb / 2P
   High Voltage Silicon Rectifier Diode
AF03-20F GETEDZ-AF03-20F Datasheet
518Kb / 2P
   High Voltage Silicon Rectifier Diode
More results

Similar Description - AF033A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3030-10 ASM-SENSOR-3030-10 Datasheet
336Kb / 2P
   ANALOG MULTIMETER
logo
Extech Instruments Corp...
38070 EXTECH-38070 Datasheet
254Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38070 EXTECH-38070_15 Datasheet
201Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
   MultiMeter
logo
Lineage Power Corporati...
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
logo
Energizer
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
logo
ASM GmbH
4281 ASM-SENSOR-4281 Datasheet
2Mb / 4P
   DIGITALE MULTIMETER
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com