Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59150DS18R4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP59150DS18R4G
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59150DS18R4G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP59150DS18R4G Datasheet HTML 1Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 2Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 3Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 4Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 5Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 6Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 7Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 8Page - ON Semiconductor NCP59150DS18R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
TJ = 25C with VIN = VOUT nominal + 1 V; VEN = VIN; IL = 10 mA; bold values indicate –40C < TJ < +125C, unless noted.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
DFN package
IL = 10 mA
−1
1
%
10 mA < IOUT < 1.5 A , VOUT nominal + 1  VIN  13.5 V
−2
2
%
Output Voltage Accuracy
D2PAK package
IL = 10 mA
−1.5
1.5
%
10 mA < IOUT < 1.5 A , VOUT nominal + 1  VIN  13.5 V
−2.5
2.5
%
Output Voltage Line Regulation
VIN = VOUT nominal + 1.0 V to 13.5 V; IL = 10 mA
0.02
0.5
%
Output Voltage Load Regulation
IL = 10 mA to 1.5 A
0.2
1.0
%
VIN – VOUT Dropout Voltage (Note 7) IL = 750 mA
175
350
mV
IL = 1.5 A
300
500
mV
Ground Pin Current (Note 8)
IL = 1.5 A
40
60
80
mA
Ground Pin Current in Shutdown
VEN v 0.5 V
1.0
5.0
mA
Overload Protection Current Limit
VOUT = 0 V
2.0
3.0
A
Start−up Time
VEN = VIN, VOUT nominal = 2.5 V, IOUT = 10 mA,
COUT = 47 mF
100
500
ms
Output Voltage Start−up Slope
Fixed Voltage Devices
VEN = VIN, IOUT = 10 mA, COUT = 47 mF (Note 9)
40
200
ms/V
ENABLE INPUT
Enable Input Signal Levels
Regulator Enable
1.8
V
Regulator Shutdown
0.8
V
Enable Pin Input Current
VEN v 0.8 V (Regulator Shutdown)
2.0
4.0
mA
6.5 V > VEN w 1.8 V (Regulator enable)
1.0
15
30
40
mA
FLAG OUTPUT
IFLG(leak)
Voh = 13.5 V, Flag OFF
1.0
2.0
mA
VFLG(LO)
VIN = 2.24 V, IFLG = 1 mA, Flag ON
210
400
500
mV
VFLG
Low Threshold, % of particular VOUT
93
95
%
Hysteresis, % of particular VOUT
2
%
High Threshold, % of particular VOUT
97
99.2
%
NCP/NCV59152 ADJ VOLTAGE DEVICES ONLY
Reference Voltage
DFN Package
D2PAK Package
1.228
1.215
1.221
1.209
1.240
1.240
1.252
1.265
1.259
1.271
V
Adjust Pin Bias Current
100
200
350
nA
7. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1 V. For output voltages below 1.74 V, dropout
voltage specification does not apply due to a minimum input operating voltage of 2.24 V.
8. IIN = IGND + IOUT.
9. Fixed Voltage Device Start−up Time = Output Voltage Start−up Slope * VOUT nominal.
Package
Conditions / PCB Footprint
Thermal Resistance
D2PAK–3, Junction−to−Case
RqJC = 2.1C/W
D2PAK–5, Junction−to−Case
RqJC = 2.1C/W
D2PAK–3, Junction−to−Air
PCB with 100 mm2 2.0 oz Copper Heat Spreading Area
RqJA = 52C/W
D2PAK–5, Junction−to−Air
PCB with 100 mm2 2.0 oz Copper Heat Spreading Area
RqJA = 52C/W
DFN8, Junction−to−Air
PCB with 500 mm2 2.0 oz Copper Heat Spreading Area
RqJA = 75C/W


Similar Part No. - NCP59150DS18R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCP59150DS18R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com