Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN6R0-25YLB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN6R0-25YLB
Description  N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN6R0-25YLB Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN6R0-25YLB Datasheet HTML 1Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 2Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 3Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 4Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 5Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 6Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 7Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 8Page - NXP Semiconductors PSMN6R0-25YLB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
High reliability Power SO8 package,
qualified to 175°C
Low parasitic inductance and
resistance
Optimised for 4.5V Gate drive utilising
NextPower Superjunction technology
Ultra low QG, QGD, & QOSS for high
system efficiencies at low and high
loads
1.3 Applications
DC-to-DC converters
Load switching
Synchronous buck regulator
1.4 Quick reference data
PSMN6R0-25YLB
N-channel 25 V 6.1 m
Ω logic level MOSFET in LFPAK using
NextPower technology
Rev. 2 — 31 October 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
25 °C
≤ Tj ≤ 175 °C
--25
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1
--73
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
--58
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
RDSon
drain-source on-state resistance
VGS =4.5 V; ID =20 A; Tj =25°C;
see Figure 12
-6.7
7.9
m
VGS =10V; ID =20A; Tj =25 °C;
see Figure 12
-5.1
6.1
m
Dynamic characteristics
QGD
gate-drain charge
VGS =4.5 V; ID =20 A; VDS =12V;
see Figure 14; see Figure 15
-2.6
-nC
QG(tot)
total gate charge
-
9
-
nC


Similar Part No. - PSMN6R0-25YLB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
More results

Similar Description - PSMN6R0-25YLB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB_15 Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com