Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD687004NJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJD687004NJ
Description  General purpose SMT chip tantalum series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD687004NJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJD687004NJ Datasheet HTML 1Page - AVX Corporation TAJD687004NJ Datasheet HTML 2Page - AVX Corporation TAJD687004NJ Datasheet HTML 3Page - AVX Corporation TAJD687004NJ Datasheet HTML 4Page - AVX Corporation TAJD687004NJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9
TAJ Series
Standard Tantalum
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJD226*016#NJ
D
22
16
3.5
6
1.1
TAJB336*016#NJ
B
33
16
5.3
8
2.1
TAJC336*016#NJ
C
33
16
5.3
6
1.5
TAJD336*016#NJ
D
33
16
5.3
6
0.9
TAJC476*016#NJ
C
47
16
7.5
6
0.5
TAJD476*016#NJ
D
47
16
7.5
6
0.8
TAJC686*016#NJ
C
68
16
10.9
6
1.3
TAJD686*016#NJ
D
68
16
10.9
6
0.9
TAJC107*016#NJ
C
100
16
16
8
1
TAJD107*016#NJ
D
100
16
16
6
0.6
TAJE107*016#NJ
E
100
16
16
6
0.9
TAJD157*016#NJ
D
150
16
24
6
0.9
TAJE157*016#NJ
E
150
16
24
8
0.3
TAJV157*016#NJ
V
150
16
24
8
0.5
TAJE227*016#NJ
E
220
16
35.2
10
0.5
TAJV227*016#NJ
V
220
16
35.2
8
0.9
TAJV337*016#NJ
V
330
16
52.8
10
0.5
20 Volt @ 85ºC (13 Volt @ 125ºC)
TAJA105*020#NJ
A
1
20
0.5
4
9
TAJA155*020#NJ
A
1.5
20
0.5
6
6.5
TAJA225*020#NJ
A
2.2
20
0.5
6
5.3
TAJB225*020#NJ
B
2.2
20
0.5
6
3.5
TAJA335*020#NJ
A
3.3
20
0.7
6
4.5
TAJB335*020#NJ
B
3.3
20
0.7
6
3
TAJA475*020#NJ
A
4.7
20
0.9
6
4
TAJB475*020#NJ
B
4.7
20
0.9
6
3
TAJA685*020#NJ
A
6.8
20
1.4
6
2.4
TAJB685*020#NJ
B
6.8
20
1.4
6
2.5
TAJC685*020#NJ
C
6.8
20
1.4
6
2
TAJB106*020#NJ
B
10
20
2
6
2.1
TAJC106*020#NJ
C
10
20
2
6
1.2
TAJB156*020#NJ
B
15
20
3
6
2
TAJC156*020#NJ
C
15
20
3
6
1.7
TAJB226*020#NJ
B
22
20
4.4
6
1.8
TAJC226*020#NJ
C
22
20
4.4
6
1.6
TAJD226*020#NJ
D
22
20
4.4
6
0.9
TAJC336*020#NJ
C
33
20
6.6
6
1.5
TAJD336*020#NJ
D
33
20
6.6
6
0.9
TAJC476*020#NJ
C
47
20
9.4
6
0.5
TAJD476*020#NJ
D
47
20
9.4
6
0.9
TAJE476*020#NJ
E
47
20
9.4
6
0.9
TAJC686M020#NJ
C
68
20
13.6
8
0.9
TAJD686*020#NJ
D
68
20
13.6
6
0.4
TAJE686*020#NJ
E
68
20
13.6
6
0.9
TAJD107*020#NJ
D
100
20
20
6
0.5
TAJE107*020#NJ
E
100
20
20
6
0.4
TAJV107*020#NJ
V
100
20
20
8
0.9
TAJE157*020#NJ
E
150
20
30
8
0.3
TAJV157*020#NJ
V
150
20
30
8
0.3
25 Volt @ 85ºC (17 Volt @ 125ºC)
TAJA474*025#NJ
A
0.47
25
0.5
4
14
TAJA684*025#NJ
A
0.68
25
0.5
4
10
TAJA105*025#NJ
A
1
25
0.5
4
8
TAJA155*025#NJ
A
1.5
25
0.5
6
7.5
TAJB155*025#NJ
B
1.5
25
0.5
6
5
TAJA225*025#NJ
A
2.2
25
0.6
6
7
TAJB225*025#NJ
B
2.2
25
0.6
6
4.5
TAJA335*025#NJ
A
3.3
25
0.8
6
3.7
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJB335*025#NJ
B
3.3
25
0.8
6
3.5
TAJA475*025#NJ
A
4.7
25
1.2
6
3.1
TAJB475*025#NJ
B
4.7
25
1.2
6
1.5
TAJB685*025#NJ
B
6.8
25
1.7
6
2.8
TAJC685*025#NJ
C
6.8
25
1.7
6
2
TAJB106*025#NJ
B
10
25
2.5
6
2.5
TAJC106*025#NJ
C
10
25
2.5
6
1.8
TAJD106*025#NJ
D
10
25
2.5
6
1.2
TAJC156*025#NJ
C
15
25
3.8
6
1.6
TAJD156*025#NJ
D
15
25
3.8
6
1
TAJC226*025#NJ
C
22
25
5.5
6
1.4
TAJD226*025#NJ
D
22
25
5.5
6
0.9
TAJD336*025#NJ
D
33
25
8.3
6
0.9
TAJE336*025#NJ
E
33
25
8.3
6
0.9
TAJD476*025#NJ
D
47
25
11.8
6
0.9
TAJE476*025#NJ
E
47
25
11.8
6
0.9
TAJE686*025#NJ
E
68
25
17
6
0.9
TAJV686*025#NJ
V
68
25
17
6
0.9
TAJE107M025#NJ
E
100
25
25
10
0.3
TAJV107*025#NJ
V
100
25
25
8
0.4
TAJV157M025#NJ
V
150
25
37.5
10
0.4
35 Volt @ 85ºC (23 Volt @ 125ºC)
TAJA104*035#NJ
A
0.1
35
0.5
4
24
TAJA154*035#NJ
A
0.15
35
0.5
4
21
TAJA224*035#NJ
A
0.22
35
0.5
4
18
TAJA334*035#NJ
A
0.33
35
0.5
4
15
TAJA474*035#NJ
A
0.47
35
0.5
4
12
TAJB474*035#NJ
B
0.47
35
0.5
4
10
TAJA684*035#NJ
A
0.68
35
0.5
4
8
TAJB684*035#NJ
B
0.68
35
0.5
4
8
TAJA105*035#NJ
A
1
35
0.5
4
7.5
TAJB105*035#NJ
B
1
35
0.5
4
6.5
TAJA155*035#NJ
A
1.5
35
0.5
6
7.5
TAJB155*035#NJ
B
1.5
35
0.5
6
5.2
TAJC155*035#NJ
C
1.5
35
0.5
6
4.5
TAJA225*035#NJ
A
2.2
35
0.8
6
4.5
TAJB225*035#NJ
B
2.2
35
0.8
6
4.2
TAJC225*035#NJ
C
2.2
35
0.8
6
3.5
TAJB335*035#NJ
B
3.3
35
1.2
6
3.5
TAJC335*035#NJ
C
3.3
35
1.2
6
2.5
TAJB475*035#NJ
B
4.7
35
1.6
6
3.1
TAJC475*035#NJ
C
4.7
35
1.6
6
2.2
TAJD475*035#NJ
D
4.7
35
1.6
6
1.5
TAJC685*035#NJ
C
6.8
35
2.4
6
1.8
TAJD685*035#NJ
D
6.8
35
2.4
6
1.3
TAJC106*035#NJ
C
10
35
3.5
6
1.6
TAJD106*035#NJ
D
10
35
3.5
6
1
TAJE106*035#NJ
E
10
35
3.5
6
0.9
TAJC156*035#NJ
C
15
35
5.3
6
1.4
TAJD156*035#NJ
D
15
35
5.3
6
0.9
TAJD226*035#NJ
D
22
35
7.7
6
0.9
TAJE226*035#NJ
E
22
35
7.7
6
0.5
TAJD336*035#NJ
D
33
35
11.6
6
0.9
TAJE336*035#NJ
E
33
35
11.6
6
0.5
TAJV336*035#NJ
V
33
35
11.6
6
0.5
TAJE476*035#NJ
E
47
35
16.5
6
0.9
TAJV476*035#NJ
V
47
35
16.5
6
0.4
TAJV686M035#NJ
V
68
35
23.8
6
0.5
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
TAJ series is MSL level 1 according to J-STD-020C.
* Insert K for ±10% and M for ±20%
# Standard Plating – Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead Plating
– Insert H for 7" reel and K for 13" reel
NOTE: AVX reserves the right to supply a
higher voltage rating or tighter tol-
erance part in the same case size,
to the same reliability standards.


Similar Part No. - TAJD687004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD687004NJ AVX-TAJD687004NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJD687004NJ AVX-TAJD687004NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD687004NJ AVX-TAJD687004NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJD687004NJ AVX-TAJD687004NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJD687004NJ AVX-TAJD687004NJ Datasheet
124Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJD687004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com