Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9616 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9616
Description  HIGH SPEED CAN BUS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 2 Page - STMicroelectronics

  L9616 Datasheet HTML 1Page - STMicroelectronics L9616 Datasheet HTML 2Page - STMicroelectronics L9616 Datasheet HTML 3Page - STMicroelectronics L9616 Datasheet HTML 4Page - STMicroelectronics L9616 Datasheet HTML 5Page - STMicroelectronics L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.3 to 7
V
VC_H, VC_L
Bus Voltage at C_H, C_L (VS 0 to 5.5V)
-5 to 36
V
IC_H, IC_L
Off State Leakage Current at C_H, C_L ( VS =0 to 5.5V,
VC_H = -5 to 36V, VC_L = -5 to 36 )
-3 to 5
mA
VDC
DC Voltage at TXO, ASC (VS 0 to 5.5V)
GND -0.3 to VS +0.3
V
IRXO
Output Current at RXO (VS 0 to 5.5V)
-0.3 to 1
mA
Tstg, TJ
Storage and Junction Temperature Range
-40 to 150
°C
Top
Operating Temperature Range
-40 to 125
°C
All voltages, except bus voltage, are defined with respect to pin 2
Positive currents flow into the IC.
THERMAL DATA
Symbol
Parameter
Value
Unit
PIN FUNCTIONS
N.
Name
Function
1
TXO
Transmitter Input
2
GND
Ground
3VS
Supply Voltage
4
RXO
Receive Output
5
RX1
Reference Voltage
6
C_L
Low Side Bus Output
7
C_H
High Side Bus Output
8
ASC
Adjustable Slope Control
TX0
GND
VS
RX0
RX1
C_L
C_H
ASC
1
3
2
4
6
5
7
8
D96AT246
PIN CONNECTION
L9616
2/8


Similar Part No. - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
   HIGH SPEED CAN BUS TRANSCEIVER
L9616D STMICROELECTRONICS-L9616D Datasheet
112Kb / 8P
   HIGH SPEED CAN BUS TRANSCEIVER
More results

Similar Description - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
   HIGH SPEED CAN BUS TRANSCEIVER
logo
Texas Instruments
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com