Electronic Components Datasheet Search |
|
SOT-223 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
SOT-223 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD PZT3904 TRANSISTOR (NPN) FEATURES Power dissipation PCM: 1 W (Tamb=25 ) ℃ Collector current ICM: 0.2 A Collector-base voltage V(BR)CBO: 60 V Operating and storage junction temperature range TJ,Tstg: -55 to +150 ℃℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic=10µA,IE=0 60 V Collector-emitter breakdown voltage V(BR)CEO Ic=1mA,IB=0 40 V Emitter-base breakdown voltage V(BR)EBO IE=10µA,IC=0 6 V Collector cut-off current ICBO VCB=60V,IE=0 0.1 µA Emitter cut-off current IEBO VEB=5V,IC=0 0.1 µA hFE(1) VCE=10V,IC=0.1mA 40 hFE(2) VCE=1V,IC=1mA 70 hFE(3) VCE=1V,IC=10mA 100 300 hFE(4) VCE=1V,IC=50mA 60 DC current gain hFE(5) VCE=1V,IC=100mA 30 VCE(sat) IC=10mA,IB=1mA 0.2 V Collector-emitter saturation voltage VCE(sat) IC=50mA,IB=5mA 0.3 V VBE(sat) IC=10mA,IB=1mA 0.65 0.85 V Base-emitter saturation voltage VBE(sat) IC=50mA,IB=5mA 0.95 V Transition frequency fT VCE=20V,IC=10mA,f=100MHz 300 MHz Collector output capacitance Cob VCB=5V,IE=0,f=1MHz 4 pF Noise figure NF VCE=5V,Ic=0.1mA, f=10HZ to 15.7KHz,Rg=1K Ω 5 dB Delay time td 35 nS Rise time tr VCC=3V, IC=10mA,VBE(off)=0.5V,IB1=1mA 35 nS Storage time tS 200 nS Fall time tf VCC=3V, IC=10mA IB1= IB2= 1mA 50 nS SOT-223 1. BASE 2. COLLECTOR 3. EMITTER PZT3904 Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
Similar Part No. - SOT-223 |
|
Similar Description - SOT-223 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |