Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59151MN25TYG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP59151MN25TYG
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59151MN25TYG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP59151MN25TYG Datasheet HTML 1Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 2Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 3Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 4Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 5Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 6Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 7Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 8Page - ON Semiconductor NCP59151MN25TYG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VIN
Supply Voltage
0 to 18
V
VEN
Enable Input Voltage
0 to 18
V
VFLG
Error Flag Open Collector Output Maximum Voltage
0 to 18
V
VOUT – VIN
Reverse VOUT – VIN Voltage (EN = Shutdown or Vin = 0 V) (Note 1)
0 to 6.5
V
PD
Power Dissipation (Notes 2 and 5)
Internally Limited
TJ
Junction Temperature
−40 v TJ v +125
C
TS
Storage Temperature
−65 v TJ v +150
C
ESD Rating (Notes 3 and 4)
Human Body Model
Machine Model
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: All voltages are referenced to GND pin unless otherwise noted.
1. The ENABLE pin input voltage must be  0.8 V or Vin must be connected to ground potential.
2. PD(max) = (TJ(max) – TA) / RqJA, where RqJA depends upon the printed circuit board layout.
3. Devices are ESD sensitive. Handling precautions recommended..
4. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model (HBM) tested per AEC−Q100−002 (EIA/JESD22−A114C)
ESD Machine Model (MM) tested per AEC−Q100−003 (EIA/JESD22−A115C)
This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
5. This protection is not guaranteed outside the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS (Note 6)
Symbol
Rating
Value
Unit
VIN
Supply Voltage
2.24 to 13.5
V
VEN
Enable Input Voltage
0 to 13.5
V
VFLG
Error Flag Open Collector Voltage
0 to 13.5
V
TJ
Junction Temperature
−40 v TJ v +125
C
6. The device is not guaranteed to function outside it’s Recommended operating conditions.


Similar Part No. - NCP59151MN25TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59151MN25TYG ONSEMI-NCP59151MN25TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN25TYG ONSEMI-NCP59151MN25TYG Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCP59151MN25TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com