Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-523 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOT-523
Description  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-523 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SOT-523 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
DAP222 SWITCHING DIODE
FEATURES:
Power dissipation
PD:
150
mW (Tamb=25
℃)
Collector current
IF:
100 mA
Collector-base voltage
VR:
80
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
CIRCUIT:
1
3
2
MARKING:
P
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 100µA
80
V
Reverse voltage leakage current
IR
VR=70V
0.1
µA
Forward voltage
VF
IF=100mA
1.2
V
Diode capacitance
CD
VR=6V, f=1MHz
3.5
pF
Reverse recovery time
trr
VR=6V, IF=5mA
4
ns
DAP222
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
0.20
SOT-523
1.60
1.00
0.30
1.60
0.50
0.81
RoHS


Similar Part No. - SOT-523

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SOT-523 LUGUANG-SOT-523 Datasheet
310Kb / 2P
   Surface Mount Schottky Barrier Diodes
SOT-523 LUGUANG-SOT-523 Datasheet
276Kb / 2P
   Surface Mount Fast Switching Diode
SOT-523 LUGUANG-SOT-523 Datasheet
265Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
SHENZHEN YONGERJIA INDU...
SOT-523 WINNERJOIN-SOT-523 Datasheet
196Kb / 2P
   MOSFET ( N-Channel )
logo
Shenzhen Luguang Electr...
SOT-523 LUGUANG-SOT-523 Datasheet
349Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - SOT-523

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com