Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-23 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOT-23
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-23 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SOT-23 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SOT-23 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
0.1
0.2
0.5
1
2
5
10
20
50 100 200
FORWARD VOLTAGE(mA)
3500
3000
2500
2000
1500
1000
500
0
Forward Voltage
T =-55 C
A
T =155 C
A
T =25 C
A
T =155 C
A
1
2
5
10
20
50
100 200 300
7000
6000
5000
4000
3000
6
5
4
3
2
1
0
T =25 C
A
T =-55 C
A
REVERSE VOLTAGE(V)
Reverse Leakage
B A S 1 9 L T 1
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
219Kb / 2P
   Surface Mount Switching Diode
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com